Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8501 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS8501
Description  Low Skew 1-to-16 Differential Current Mode Fanout Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8501 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS8501 Datasheet HTML 1Page - Integrated Circuit Systems ICS8501 Datasheet HTML 2Page - Integrated Circuit Systems ICS8501 Datasheet HTML 3Page - Integrated Circuit Systems ICS8501 Datasheet HTML 4Page - Integrated Circuit Systems ICS8501 Datasheet HTML 5Page - Integrated Circuit Systems ICS8501 Datasheet HTML 6Page - Integrated Circuit Systems ICS8501 Datasheet HTML 7Page - Integrated Circuit Systems ICS8501 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Integrated
Circuit
Systems, Inc.
ICS8501
LOW SKEW 1-TO-16 DIFFERENTIAL
CURRENT MODE FANOUT BUFFER
8501
www.icst.com
REV. A - AUGUST 23, 2000
2
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
s
t
u
p
n
Is
t
u
p
t
u
O
e
d
o
M
t
u
p
t
u
O
o
t
t
u
p
n
Iy
ti
r
a
l
o
P
K
L
CK
L
C
n5
1
Q
u
r
h
t
0
Q5
1
Q
n
u
r
h
t
0
Q
n
01
0
1
l
a
it
n
e
r
e
ff
i
D
o
t
l
a
it
n
e
r
e
ff
i
Dg
n
it
r
e
v
n
I
n
o
N
10
1
0
l
a
it
n
e
r
e
ff
i
D
o
t
l
a
it
n
e
r
e
ff
i
Dg
n
it
r
e
v
n
I
n
o
N
01
E
T
O
N
;
d
e
s
a
i
B0
1
l
a
it
n
e
r
e
ff
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
it
r
e
v
n
I
n
o
N
11
E
T
O
N
;
d
e
s
a
i
B1
0
l
a
it
n
e
r
e
ff
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
it
r
e
v
n
I
n
o
N
1
E
T
O
N
;
d
e
s
a
i
B0
1
0
l
a
it
n
e
r
e
ff
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
it
r
e
v
n
I
1
E
T
O
N
;
d
e
s
a
i
B1
0
1
l
a
it
n
e
r
e
ff
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
it
r
e
v
n
I
e
h
t
r
o
f
t
n
i
o
p
h
c
ti
w
s
e
h
t
s
t
e
s
t
u
p
n
i
d
e
s
a
i
b
e
h
t
t
a
e
g
a
tl
o
v
e
h
T
.
d
e
s
a
i
b
e
b
s
t
u
p
n
i
l
a
it
n
e
r
e
ff
i
d
e
h
t
f
o
e
n
o
t
a
h
t
s
e
ri
u
q
e
r
e
s
u
d
e
d
n
e
e
l
g
n
i
S
:
1
E
T
O
N
o
t
e
u
l
a
v
l
a
u
q
e
f
o
r
o
t
s
i
s
e
r
a
,
C
C
V
o
t
r
o
t
s
i
s
e
r
a
s
i
k
r
o
w
t
e
n
s
a
i
b
t
u
p
n
i
d
e
d
n
e
m
m
o
c
e
r
e
h
t
s
l
e
v
e
l
L
T
T
V
L
d
n
a
S
O
M
C
V
L
r
o
F
.t
u
p
n
i
d
e
d
n
e
e
l
g
n
i
s
1
.
0
a
d
n
a
d
n
u
o
r
g
µ
.
V
m
0
0
3
±
2
/
C
C
V
y
l
e
t
a
m
i
x
o
r
p
p
a
s
i
t
n
i
o
p
h
c
ti
w
s
g
n
it
l
u
s
e
r
e
h
T
.
d
n
u
o
r
g
o
t
t
u
p
n
i
e
h
t
m
o
rf
r
o
ti
c
a
p
a
c
F
TABLE 3. FUNCTION TABLE
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
it
p
i
r
c
s
e
D
,
1
1
,
1
,
4
2
,
4
1
,
5
3
,
5
2
8
4
,
8
3
C
C
Vr
e
w
o
P.
V
3
.
3
o
t
t
c
e
n
n
o
C
.
n
i
p
y
l
p
p
u
s
r
e
w
o
P
3
,
21
1
Q
n
,
1
1
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
e
d
o
m
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
D
.t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
5
,
40
1
Q
n
,
0
1
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
e
d
o
m
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
D
.t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
,
9
1
,
6
3
4
,
0
3
D
N
Gr
e
w
o
P.
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
n
i
p
y
l
p
p
u
s
r
e
w
o
P
8
,
79
Q
n
,
9
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
e
d
o
m
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
D
.t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
0
1
,
98
Q
n
,
8
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
e
d
o
m
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
D
.t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
2
1c
nd
e
s
u
n
U.
n
o
it
c
e
n
n
o
c
o
N
3
1F
E
R
Rt
u
p
n
I
5
7
4
o
t
t
c
e
n
n
o
C
.t
n
e
r
r
u
c
t
u
p
t
u
o
e
h
t
t
e
s
o
t
d
e
s
U
.t
u
p
n
i
t
n
e
r
r
u
c
e
c
n
e
r
e
f
e
R
Ω
.
d
n
u
o
r
g
o
t
r
o
t
s
i
s
e
r
6
1
,
5
17
Q
n
,
7
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
e
d
o
m
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
D
.t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
8
1
,
7
16
Q
n
,
6
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
e
d
o
m
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
D
.t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
1
2
,
0
25
Q
n
,
5
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
e
d
o
m
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
D
.t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
3
2
,
2
24
Q
n
,
4
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
e
d
o
m
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
D
.t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
7
2
,
6
23
Q
n
,
3
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
e
d
o
m
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
D
.t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
9
2
,
8
22
Q
n
,
2
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
e
d
o
m
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
D
.t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
6
3K
L
Ct
u
p
n
I
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
t
u
p
n
i
l
a
it
n
e
r
e
ff
i
d
y
n
A
.t
u
p
n
i
k
c
o
l
c
l
a
it
n
e
r
e
ff
i
d
g
n
it
r
e
v
n
i
n
o
N
7
3K
L
C
nt
u
p
n
I
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
t
u
p
n
i
l
a
it
n
e
r
e
ff
i
d
y
n
A
.t
u
p
n
i
k
c
o
l
c
l
a
it
n
e
r
e
ff
i
d
g
n
it
r
e
v
n
I
0
4
,
9
35
1
Q
n
,
5
1
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
e
d
o
m
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
D
.t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
2
4
,
1
44
1
Q
n
,
4
1
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
e
d
o
m
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
D
.t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
5
4
,
4
43
1
Q
n
,
3
1
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
e
d
o
m
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
D
.t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
7
4
,
6
42
1
Q
n
,
2
1
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
e
d
o
m
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
D
.t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
N
I
Ce
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
2F
p
D
P
C
e
c
n
a
ti
c
a
p
a
C
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
)t
u
p
t
u
o
r
e
p
(
z
H
M
0
5
2
=
f
,
V
5
6
4
.
3
=
C
C
V6
.
4F
p
T
U
O
Re
c
n
a
d
e
p
m
I
t
u
p
t
u
O
4
1KΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com