Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8531-01 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS8531-01
Description  LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8531-01 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS8531-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS8531-01 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
8531AY-01
www.icst.com/products/hiperclocks.html
REV. B AUGUST 9, 2001
6
Integrated
Circuit
Systems, Inc.
ICS8531-01
LOW SKEW, 1-TO-9
DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
FIGURE 2 - OUTPUT LOAD TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
V
CC = 2.0V
V
CCO = 2.0V
V
CC
V
CCO
V
EE = -1.3V ± 0.135V
FIGURE 3 - DIFFERENTIAL INPUT LEVEL
V
CMR
Cross Points
V
PP
CLK, PCLK
nCLK, nPCLK
V
EE
V
CC
FIGURE 4 - OUTPUT SKEW
tsk(o)
Qx
nQx
Qy
nQy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com