Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85357-11 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS85357-11
Description  4:1 OR 2:1, CRYSTAL OSCILLATOR-TO-3.3V LVPECL / ECL MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85357-11 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS85357-11 Datasheet HTML 1Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 2Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 3Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 4Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 5Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 6Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 7Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 8Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
85357AG-11
www.icst.com/products/hiperclocks.html
REV. A JULY 25, 2001
4
Integrated
Circuit
Systems, Inc.
ICS85357-11
4:1 OR 2:1, CRYSTAL OSCILLATOR-TO-3.3V
LVPECL / ECL MULTIPLEXER
TABLE 6. AC CHARACTERISTICS, V
CC = 3.3V±5%, T
A
=0°C TO 70°C
TABLE 5. CRYSTAL CHARACTERISTICS
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
t
u
c
/
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
t
n
a
n
o
s
e
R
l
e
ll
a
r
a
P
/
l
a
t
n
e
m
a
d
n
u
F
y
c
n
e
u
q
e
r
F
0
15
2z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
50
8
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
7F
p
e
c
n
a
t
c
u
d
n
I
n
i
P
s
e
i
r
e
S
37
H
n
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
00
7C
°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
e
g
n
a
R
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
15
2z
H
M
t
D
P
1
E
T
O
N
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
ƒ
z
H
M
5
21
2
s
n
)
p
p
(
k
s
t4
,
2
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
0
5
1s
p
t
R
e
m
i
T
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
30
0
7s
p
t
F
e
m
i
T
ll
a
F
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
30
0
7s
p
c
d
o4
,
3
E
T
O
N
;
e
l
c
y
C
y
t
u
D
t
u
p
t
u
O
7
43
5%
L
O
T
c
s
o3
E
T
O
N
;
e
c
n
a
r
e
l
o
T
r
o
t
a
ll
i
c
s
O
l
a
t
s
y
r
C
0
2
±m
p
p
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
z
H
M
5
2
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
.
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
.
t
u
p
n
i
L
A
T
X
e
h
t
g
n
i
v
i
r
d
r
e
v
o
d
e
r
u
s
a
e
M
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
d
e
r
u
s
a
e
m
e
r
a
s
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
s
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
.
t
u
p
n
i
L
A
T
X
e
h
t
g
n
i
v
i
r
d
r
e
v
o
d
e
r
u
s
a
e
M
.
s
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
t
a
e
h
t
n
i
6
e
r
u
g
i
F
o
t
r
e
f
e
R
.
s
l
a
t
s
y
r
c
F
p
8
1
h
t
i
w
l
e
ll
a
r
a
p
n
i
F
p
7
2
=
2
C
d
n
a
F
p
2
2
=
1
C
g
n
i
s
u
d
e
r
u
s
a
e
M
:
3
E
T
O
N
.
n
o
i
t
c
e
S
n
o
i
t
a
c
il
p
p
A
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
4
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com