Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7B14 Datasheet(PDF) 2 Page - Analog Devices

Part # 7B14
Description  Non Isolated, Linearized RTD Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B14 Datasheet(HTML) 2 Page - Analog Devices

  7B14 Datasheet HTML 1Page - Analog Devices 7B14 Datasheet HTML 2Page - Analog Devices 7B14 Datasheet HTML 3Page - Analog Devices 7B14 Datasheet HTML 4Page - Analog Devices 7B14 Datasheet HTML 5Page - Analog Devices 7B14 Datasheet HTML 6Page - Analog Devices 7B14 Datasheet HTML 7Page - Analog Devices 7B14 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7B14
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 7B14 is a low cost, single-channel signal conditioning
module that interfaces, amplifies and filters input voltages from
a wide variety of two-and three-wire platinum, copper and
nickel Resistor Temperature Detectors (RTDs) and provides a
precision output of either +1 V to +5 V or 0 V to +10 V, linear
with temperature. Model 7B14 features a nonlinearity of +0.05%
maximum (Pt and Cu RTDs). RTD excitation current, three-
wire lead resistance compensation and a predictable upscale
open circuit indication provide a complete signal conditioning
solution. Rated to operate with a nominal +24 VDC supply,
Model 7B14 is mix-and-match and hot-swappable with other
7B Series input modules, so it can be inserted or removed from
any socket in the same backplane without disturbing system
power.
The three input pins of Model 7B14 are fully protected up to
+30 VDC. A 250 uA excitation current for platinum and nickel
RTDs and a 1mA excitation current for copper RTDs is
provided to create an input voltage to the 7B14. This current
also provides the upscale open circuit indication. A one-pole 3
Hz filter preconditions the RTD signal prior to amplification,
provided by a low drift input amplifier. The output section
contains a two-pole low pass filter (-3 dB @ 3 Hz) and a buffer
amplifier. The two-pole output filter and subsequent buffer
ensure that a low noise, low impedance (<1Ω) signal is available
at the output to drive loads to 2 kΩ minimum.
.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com