Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9133X Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9133X
Description  32 kHz Motherboard Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9133X Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9133X Datasheet HTML 1Page - Integrated Circuit Systems ICS9133X Datasheet HTML 2Page - Integrated Circuit Systems ICS9133X Datasheet HTML 3Page - Integrated Circuit Systems ICS9133X Datasheet HTML 4Page - Integrated Circuit Systems ICS9133X Datasheet HTML 5Page - Integrated Circuit Systems ICS9133X Datasheet HTML 6Page - Integrated Circuit Systems ICS9133X Datasheet HTML 7Page - Integrated Circuit Systems ICS9133X Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ICS9133X
Electrical Characteristics at 5V
VDD = +5.0V ±10%; TA =0°C to 70°C unless otherwise stated
Note: 1. Parameter is guaranteed by design and characterization. Not 100% tested in production.
2. 32 kHz output duty cycle is dependent on crystal used.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
--
0.2VDD
V
Input High Voltage
VIH
0.7VDD
--
V
Input Low Current
IIL
VIN=0V (Pull-up)
-15
-
-
µA
Input High Current
IIH
VIN=VDD
-2
-
2
µA
Output Low Voltage
1
VOL
IOL=4mA
-
-
0.1
V
Output High Voltage
1
VOH
IOH=-1mA
VDD-.1V
-
-
V
Output High Voltage
1
VOH
IOH=-4mA
-
-
-
V
Output High Voltage1
VOH
IOH=-8mA
2.4
-
-
V
Output Frequency Change
over Supply and
Temperature
1
FD
With respect to typical
frequency
1
-
.005
0.05
%
Short Circuit Current
1
ISC
Each output clock
-
33
-
mA
Supply Current
IDD
No load, 40 MHz
-
17
-
mA
VDD32 Supply Current
IDD 32
No load, VDD32=5.5V
-
7.5
20
µA
VDD32 Supply Voltage
VDD 32
VDD=0 to 5.5V, 32 kHz output
operating
2.0-
-V
Pull-up Resistor Value
Rpu
-380
-
AC Characteristics
Input Clock Rise Time1
tICr
--
5
µs
Input Clock Fall Time1
tICf
--
5
µs
Output Rise Time1
tr
15pF load, 0.8 to 2.0V
-
1
1.5
ns
Rise Time
1
tr
15pF load, 20% to 80% VDD
-2
3
ns
Output Fall Time
1
tf
15pF load, 2.0 to 0.8V
-
1
1.5
ns
Fall Time
1
tf
15pF load, 80% to 20% VDD
-2
3
ns
Duty Cycle
1
dt
15pF load @ Vth=1.4V
43/57
48/52
57/43
%
Duty Cycle, reference
clocks1
dt
15pF load @ 1.4V
2
40/60
43/57
60/40
%
Jitter, One Sigma
1
tj1s
As compared with clock period.
-1
3
%
Jitter, Absolute
1
tjab
-2
5
%
Input Frequency
1
fi
25
32.768
40
kHz
Clock Skew between any
Clock #2 outputs1
Tsk
-
100
500
ps
Power-up Time
1
tpu
From off to 40 MHz
-
10
-
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com