Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9131-01CS16 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9131-01CS16
Description  32 KhZ Motherboard Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9131-01CS16 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS9131-01CS16 Datasheet HTML 1Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 2Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 3Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 4Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 5Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 6Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 7Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ICS9131
Electrical Characteristics at 3.3V
Operating VDD = +3.3V to +3.7V; TA =0°C to 70°C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Note 2: With the STOPCLK pin low (active).
Note 3: Absolute Jitter measured as the shortest and longest period difference to the mean period of the sample set.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
V
IL
-
-
0.2 V
DD
V
Input High Voltage
V
IH
0.7 V
DD
--
V
Input Low Current
I
IL
V
IN=0V
-7.0
-2.5
µA
Input High Current
I
IH
V
IN
=V
DD
-2.0
-
2.0
µA
Pull-up Resistor, Note 1
R
pu
V
IN
=V
DD
-1V
-
600
900
k ohms
Output Low Current, Note 1
I
OL
V
OUT
=0.2V
15
24
-
mA
Output High Current, Note 1
I
OH
V
OUT=0.7V
-
-13
-8
mA
Output Low Voltage, Note 1
V
OL
I
OL=60mA
-
0.05 V
DD
0.1 V
DD
V
Output High Voltage, Note 1
V
OH
I
OH
=-4.0mA
6.85 V
DD
0.94 V
DD
-V
Supply Current
I
DD
No load, at 50 MHz
-
13
25
mA
Output Frequency Change over
Supply and Temperature, Note 1
F
d
With respect to typical
frequency
-
0.002
0.05
%
Standby Supply Current, Note 2
I
DDSTDBY
No load
-
8
15
mA
AC Characteristics
Output Frequency, Note 1
f
o
Clock1
12.0
-
100
MHz
Input Frequency, Note 1
f
i
2.0
32
38
kHz
Rise time, Note 1
t
r
15pF load, 20% to 80% V
DD
-
2.2
3.5
ns
Fall time, Note 1
t
f
15pF load, 80% to 20% V
DD
-
1.2
2.5
ns
Duty cycle, Note 1
d
t
15pF load @50% V
DD
43
-
53
%
Jitter, 1 sigma , Note 1
T
jis
10,000 samples
-
50
150
ps
Jitter, Absolute, Note 1, 3
T
jabs
10,000 samples
-250
250
ps
Jitter, 1 sigma from 16-25 MHz
T
jis
10,000 samples
-
60
150
ps
Jitter, Absolute from 16-25 MHz
T
jabs
10,000 samples
-600
-
600
ps
Jitter, 1 sigma from 14 to below
T
jis
10,000 samples
-
1
3
%
Jitter, Absolute from 14 to below
T
jabs
10,000 samples
-
2
5
%
Frequency Transition time, Note 1
t
ft
6.7
14.0
ms
Power-up time, Note 1
t
pu
-
8.55
17.0
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com