Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9147-03 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9147-03
Description  Frequency Generator & Integrated Buffers for 686 Series CPUs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9147-03 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9147-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS9147-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS9147-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS9147-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS9147-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS9147-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS9147-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS9147-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS9147-03
Pin Descriptions
Functionality with (14.31818 MHz input)
SDRAM Clock Enable
R
E
B
M
U
N
N
I
P
E
M
A
N
N
I
P
E
P
Y
T
N
O
I
T
P
I
R
C
S
E
D
2
F
E
RT
U
O*
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
R
1
S
FN
I.
n
o
r
e
w
o
P
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
*
1
t
i
B
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
,
2
2
,
6
1
,
9
,
3
5
4
,
9
3
,
3
3
,
7
2
D
N
GR
W
P.
d
n
u
o
r
G
41
XN
Ip
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
l
l
a
n
i
m
o
N
.
t
u
p
n
i
l
a
t
s
y
r
C
52
XT
U
O1
X
o
t
r
o
t
s
i
s
e
r
k
c
a
d
e
e
f
d
n
a
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
t
u
p
t
u
o
l
a
t
s
y
r
C
1
4L
D
D
VR
W
P.
s
r
e
f
f
u
b
t
u
p
t
u
o
C
I
P
A
O
I
d
n
a
L
U
P
C
r
o
f
r
e
w
o
p
r
e
f
f
u
b
V
3
.
3
r
o
5
.
2
,
4
1
,
2
1
,
1
1
,
0
1
,
8)
5
:
1
(
S
U
BT
U
Oy
c
n
e
u
q
e
r
f
r
o
f
e
l
b
a
t
t
c
e
l
e
s
e
e
s
.
s
t
u
p
t
u
o
k
c
o
l
c
S
U
B
5
1
6
S
U
BT
U
O*
.
y
c
n
e
u
q
e
r
f
r
o
f
e
l
b
a
t
t
c
e
l
e
s
e
e
S
.
t
u
p
t
u
o
k
c
o
l
c
S
U
B
0
S
FN
I.
n
o
r
e
w
o
P
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
*
.
0
t
i
B
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
4
2
,
3
2)
3
:
2
(
#
P
T
SN
I
e
r
a
s
k
c
o
l
C
,
e
v
o
b
a
e
l
b
a
t
e
e
s
s
k
c
o
l
c
M
A
R
D
S
r
o
f
s
n
o
i
t
u
l
o
s
e
l
b
a
n
e
k
n
a
B
M
M
I
D
s
p
o
t
s
#
3
P
T
S
,
2
k
n
a
b
M
M
I
D
s
p
o
t
s
#
2
P
T
S
(
.
4
f
o
s
p
u
o
r
g
n
i
d
e
l
b
a
n
e
.
)
w
o
l
n
e
h
w
3
k
n
a
b
7
4
M
4
2T
U
O*
.
k
c
o
l
c
d
e
x
i
f
z
H
M
4
2
L
E
S
BN
I
-
y
c
n
e
u
q
e
r
f
S
U
B
s
u
o
n
o
r
h
c
n
y
s
a
r
o
s
u
o
n
o
r
h
c
n
y
s
g
n
i
t
c
e
l
e
s
r
o
f
*
t
u
p
n
i
c
i
g
o
L
*
.
n
o
r
e
w
o
P
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
e
v
o
b
a
e
l
b
a
t
e
e
s
,
9
1
,
3
1
,
6
,
1
8
4
,
6
3
,
0
3
3
D
D
VR
W
Pr
e
w
o
p
r
e
f
f
u
b
d
n
a
c
i
g
o
l
e
r
o
c
t
l
o
v
3
.
3
,
8
2
,
1
2
,
0
2
,
8
1
,
7
1
,
4
3
,
2
3
,
1
3
,
9
2
8
3
,
7
3
,
5
3
)
2
1
:
1
(
M
A
R
D
ST
U
O.
y
c
n
e
u
q
e
r
f
r
o
f
e
l
b
a
t
t
c
e
l
e
s
e
e
S
.
d
e
e
p
s
U
P
C
t
a
s
k
c
o
l
c
M
A
R
D
S
0
4P
G
A
/
H
U
P
CT
U
O.
c
t
e
P
G
A
r
o
f
,
)
m
o
n
V
3
.
3
(
l
e
v
e
l
D
D
V
M
A
R
D
S
t
a
s
e
t
a
r
e
p
o
k
c
o
l
c
U
P
C
3
4
,
2
4)
2
:
1
(
L
U
P
CT
U
O
t
a
s
e
t
a
r
e
p
O
.
y
c
n
e
u
q
e
r
f
r
o
f
e
l
b
a
t
t
c
e
l
e
s
e
e
S
.
s
k
c
o
l
c
t
u
p
t
u
o
k
c
o
l
c
U
P
C
.
n
i
p
L
D
D
V
y
b
d
e
l
l
o
r
t
n
o
c
V
5
.
2
o
t
n
w
o
d
6
2
,
5
2
,
7C
/
N—
.
d
e
t
c
e
n
n
o
c
y
l
l
a
n
r
e
t
n
i
t
o
n
s
n
i
P
6
4
M
8
4T
U
O.
*
t
u
p
t
u
o
k
c
o
l
c
d
e
x
i
f
z
H
M
8
4
2
S
FN
I.
n
o
r
e
w
o
P
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
*
2
t
i
B
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
4
4C
I
P
A
O
IT
U
O
,
L
D
D
V
y
b
d
e
r
e
w
o
p
)
z
H
M
8
1
3
.
4
1
(
k
c
o
l
c
e
c
n
e
r
e
f
e
R
.
V
3
.
3
o
t
5
.
2
g
n
i
t
a
r
e
p
o
* Bidirectional input/output pins, input logic level determined at internal power-on-reset are latched. Use 10Kohm resistor to
program logic Hi to VDD or GND for logic low.
#
2
P
T
S
#
3
P
T
S
M
M
I
D
1
K
N
A
B
M
A
R
D
S
)
4
:
1
(
M
M
I
D
2
K
N
A
B
M
A
R
D
S
)
8
:
5
(
M
M
I
D
3
K
N
A
B
M
A
R
D
S
)
2
1
:
9
(
00
N
O
d
e
p
p
o
t
S
w
o
L
d
e
p
p
o
t
S
w
o
L
01
N
O
d
e
p
p
o
t
S
w
o
L
N
O
10
N
ON
O
d
e
p
p
o
t
S
w
o
L
11
N
ON
ON
O
**Test: is the frequency applied to the X1 input. Can be crystal or tester generated clock
overriding crystal at X1 pin.
t
c
e
l
e
S
s
s
e
r
d
d
A
)
2
:
1
(
L
U
P
C
H
U
P
C
M
A
R
D
S
)
2
1
:
1
(
)
6
:
1
(
S
U
B
)
z
H
M
(
M
4
2
)
z
H
M
(
M
8
4
)
z
H
M
(
2
S
F
1
S
F
0
S
F
)
z
H
M
(
1
=
L
E
S
B
0
=
L
E
S
B
)
z
H
M
(
)
z
H
M
(
000
0
60
32
34
28
4
00
1
8
.
6
64
.
3
32
34
28
4
01
0
0
55
22
34
28
4
01
1
5
55
.
7
22
34
28
4
10
0
5
75
.
7
32
34
28
4
10
1
5
.
8
63
.
4
32
34
28
4
11
0
*
*
2
/t
s
e
T*
*
4
/t
s
e
T*
*
3
/t
s
e
T*
*
4
/t
s
e
T*
*
2
/t
s
e
T
111
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com