Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9147-22 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9147-22
Description  Pentium-ProTM System and Cyrix??Clock Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9147-22 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9147-22 Datasheet HTML 1Page - Integrated Circuit Systems ICS9147-22 Datasheet HTML 2Page - Integrated Circuit Systems ICS9147-22 Datasheet HTML 3Page - Integrated Circuit Systems ICS9147-22 Datasheet HTML 4Page - Integrated Circuit Systems ICS9147-22 Datasheet HTML 5Page - Integrated Circuit Systems ICS9147-22 Datasheet HTML 6Page - Integrated Circuit Systems ICS9147-22 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ICS9147-22
Absolute Maximum Ratings
Electrical Characteristics at 3.3V
SupplyVoltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient OperatingTemperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
VDD = 3.0 – 3.7V, TA = 0 –70
° C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
Latched inputs and Fulltime inputs
-
-
0.2VDD
V
Input High Voltage
VIH
Latched inputs and Fulltime inputs
0.7VDD
-
-
V
Input Low Current
IIL
VIN = 0V (Fulltime inputs)
-28.0
-10.5
-
µA
Input High Current
IIH
VIN=VDD (Fulltime inputs)
-5.0
-
5.0
µ A
Output Low Current
IOL1a
VOL = 0.8V; CPU, SDRAM, 48MHz;
VDDL = 3.3V
19.0
30.0
-
mA
IOL1b
VOL = 0.8V; CPU; VDDL = 2.5V
19.0
30.0
mA
Output High Current
IOH1a
VOH = 2.0V; CPU, SDRAM, 48MHz;
VDDL = 3.3V
--26.0
-16.0
mA
IOH1b
VOH = 2.0V; CPU; VDDL = 2.5V
-12.5
-9.5
mA
Output Low Current
IOL2a
VOL = 0.8V; 24, PCI, REF, IOAPIC;
VDDL = 3.3V
16.0
25.0
-
mA
IOL2b
VOL = 0.8V; IOAPIC;
VDDL = 2.5V
16.0
25.0
mA
Output High Current
IOH2a
VOH = 2.0V for REF, PCI, 24MHz &
IOAPIC at VDDL = 3.3V
--40.0
-14.0
mA
IOH2b
VOH = 2.0V; IOAPIC; VDDL = 2.5V
-13.0
-4.0
mA
Output Low Voltage
VOL1a
IOL = 10mA; CPU, SDRAM, 48MHz;
VDDL = 3.3V
-0.3
0.4
V
VOL1b
IOL = 10mA; CPU; VDDL=2.5V
0.3
0.4
V
Output High Voltage
VOH1a
IOH = -10mA; CPU, SDRAM, 48MHz;
VDDL = 3.3V
2.4
2.8
-
V
VOH1b
IOH = -10mA; CPU; VDDL=2.5V
1.95
2.1
V
Output Low Voltage
VOL2a
IOL = 10mA; for REF, PCI, 24MHz &
IOAPIC at VDDL = 3.3V
-0.3
0.4
V
VOL2b
IOL = 10mA; IOAPIC;
VDDL = 2.5V
0.3
0.4
V
Output High Voltage
VOH2a
IOH = -10mA; for REF, PCI, 24MHz &
IOAPIC at VDDL = 3.3V
2.4
2.8
-
V
VOH2b
IOH = -10mA; IOAPIC; VDDL = 2.5V
1.6
2.1
-
V
Supply Current
IDD
@66.6 MHz; all outputs unloaded
-
120
180
mA
Supply Current
IDDPD
Power Down
300
500
µ A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com