Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTMS1x01 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # HTMS1x01
Description  HITAG transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1x01 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button HTMS1x01 Datasheet HTML 31Page - NXP Semiconductors HTMS1x01 Datasheet HTML 32Page - NXP Semiconductors HTMS1x01 Datasheet HTML 33Page - NXP Semiconductors HTMS1x01 Datasheet HTML 34Page - NXP Semiconductors HTMS1x01 Datasheet HTML 35Page - NXP Semiconductors HTMS1x01 Datasheet HTML 36Page - NXP Semiconductors HTMS1x01 Datasheet HTML 37Page - NXP Semiconductors HTMS1x01 Datasheet HTML 38Page - NXP Semiconductors HTMS1x01 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 17 October 2014
152933
35 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
14.4 INVENTORY ISO 11785
[Advanced, Advanced+]
Upon reception of this command without error, all transponder ICs in the ready state are
performing the anticollision sequence. The inventory (INV) flag is set to '1'. The NOS flag
determines whether 1 or 16 slots are used.
In contrast to INVENTORY command the transponder IC (holding requested slot) sends
the 64-bit ISO 11785 number in addition to remaining UID. The 64-bit number is taken
from a fixed area of EEPROM. It will not be checked on ISO 11785 compliance before
sending.
If a transponder IC detects any error, it remains silent.
[1]
Error, CRC and ISO 11785 number are Manchester coded, UID is dual pattern coded
14.5 STAY QUIET
[Advanced, Advanced+]
Upon reception of this command without error, a transponder IC in either ready state or
selected state enters the quiet state and shall not send back a response.
The STAY QUIET command with both SEL and ADR flag set to '0' or both set to '1' is not
allowed.
There is no response to the STAY QUIET request, even if the transponder detects an error
Table 22.
INVENTORY ISO 11785 - request format (23h)
Flags
Command
Mask length
Mask value
CRC-16
Description
5
6
6
n
(16)
No. of bits
10(1)10
100011
0
n UID length
UID Mask
AC with 1
timeslot
00(1)10
100011
0
n UID length
UID Mask
AC with 16
timeslot
Table 23.
Response to a successful INVENTORY ISO 11785 request[1]
Error Flag Data 1
Data 2
CRC-16
Description
1
48 - n
64
(16)
No. of bits
0
Remaining UID without mask value
ISO 11785 number
Table 24.
STAY QUIET - request format(01h)
Flags
Command
Data
CRC-16
Description
5
6
(48)
(16)
No. of bits:
00(1)00
000001
-
without UID
11(1)00
000001
UID
with UID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com