Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBL2430SW Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HBL2430SW
Description  Manual Motor Controllers and Disconnects
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HBL2430SW Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HBL2430SW Datasheet HTML 1Page - List of Unclassifed Manufacturers HBL2430SW Datasheet HTML 2Page - List of Unclassifed Manufacturers HBL2430SW Datasheet HTML 3Page - List of Unclassifed Manufacturers HBL2430SW Datasheet HTML 4Page - List of Unclassifed Manufacturers HBL2430SW Datasheet HTML 5Page - List of Unclassifed Manufacturers HBL2430SW Datasheet HTML 6Page - List of Unclassifed Manufacturers HBL2430SW Datasheet HTML 7Page - List of Unclassifed Manufacturers HBL2430SW Datasheet HTML 8Page - List of Unclassifed Manufacturers HBL2430SW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
5
MotorQuick® and Variable Frequency Drive (VFD) Switches
Plug and Play Technology
Unfused Disconnect Switches
30A 3 Pole 600V AC
Description
Catalog Number
Non-Metallic enclosure, Circuit-Lock disconnect switch for use with
variable frequency drives.
HBLDS3VFD
Stainless Steel enclosure, Circuit-Lock disconnect switch for use with
variable frequency drives.
HBLDS3SSVFD
HBL1389MQR2
HBL1389MQ5
HBLDS3MQR
HBLDS3MQ5
Quick Disconnect Switches
30A 3 Pole 600V AC
Type 1 Non-Metallic Enclosure
Catalog Number
HBL1389D with one pre-wired LINKOSITY® female receptacle (load side).
HBL1389MQR
HBL1389D with 5 foot pre-wired LINKOSITY® female cable (load side).
HBL1389MQ5
HBL1389D with one pre-wired LINKOSITY® male receptacle (line side) and
one pre-wired LINKOSITY® female receptacle (load side).
HBL1389MQR2
Type 4X Non-Metallic Enclosure
HBLDS3 with one pre-wired LINKOSITY® female receptacle (load side).
HBLDS3MQR
HBLDS3 with 5 foot pre-wired LINKOSITY® female cable (load side).
HBLDS3MQ5
HBLDS3 with one pre-wired LINKOSITY® male receptacle (line side)
and one pre-wired LINKOSITY® female receptacle (load side).
HBLDS3MQR2
Note: See page 6 for stainless steel option.
• Plug and play design allows for faster installation
• Reduces motor change-out time by more than 65%
• Crush and impact resistant MC cables
HBLDS3VFD
MotorQuick® combines the plug-and-play technology of Hubbell’s
LINKOSITY® power system with the versatility of Circuit-Lock® motor
disconnect switches to drastically reduce the time it takes to replace
motors. These quick disconnect switches feature lockable handles to
meet OSHA lockout/tagout regulations and include pre-wired LINKOSITY
receptacles to meet a variety of application needs. The quick disconnect
LINKOSITY terminations, combined with the ability to conveniently
pre-wire spare motors with a LINKOSITY inlet without shutting down
the entire line, reduces motor change-out time by more than 65%.
The result is equipment up and running in a fraction of the time
providing productivity and bottom-line savings.
Accessories
Description
Catalog Number
3P 4W LINKOSITY® male receptacle for installation on motor.
RM3004PA001
3P 4W LINKOSITY® double ended (male/female) 5-50 foot cable.
PH3004PAxxx*
Lock-on cover for LINKOSITY® connections.
PH2030C
Note: *Cables available from 5-50 feet in 5 foot increments. To purchase larger cable, replace the
xxx with the required
length in feet. (Examples:
PH3004PA005 = 5 foot cable, PH3004PA015 = 15 foot cable.)
HBLDS3SSVFD
• Thoroughly tested for effective use with VFDs
• Powers down the drive prior to opening the motor disconnect
• Prevents damage to the disconnect switch and the VFD
Hubbell's Disconnect Switch for Variable Frequency Drives
(VFDs) prevents downtime from out-of-sequence equipment
shutdowns when using VFDs, the most common method
of controlling conveyor system motors. The HBLDS3VFD
integrates an early-break auxiliary contact installed in the
HBLDS3 30 Amp disconnect switch enclosure. The contact
interfaces directly with VFDs to execute a coast-to-stop,
preventing damage to the disconnect switch and high-
performance VFD output devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com