Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9150F-01 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS9150F-01
Description  Pentium Pro??and SDRAM Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150F-01 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS9150F-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 11Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 12Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 13Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
ICS9150- 01
Electrical Characteristics - IOAPIC
TA = 0 - 70C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP4B
1
VO = VDD*(0.5)
10
30
Ω
Output Impedance
RDSN4B
1
VO = VDD*(0.5)
10
30
Ω
Output High Voltage
VOH4\B
IOH = -18 mA
2
2.4
V
Output Low Voltage
VOL4B
IOL = 18 mA
0.45
0.5
V
Output High Current
IOH4B
VOH = 1.7 V
-25
-16
mA
Output Low Current
IOL4B
VOL = 0.7 V
19
26
mA
Rise Time
tr4B
1
VOL = 0.4 V, VOH = 2.0 V
1.4
1.6
ns
Fall Time
tf4B
1
VOH = 2.0 V, VOL = 0.4 V
1.2
1.6
ns
Duty Cycle
dt4B
1
VT = 1.25 V
40
54
60
%
tjcyc-cyc4B
1
VT = 1.25 V
1400
ps
Jitter
tj1s4B
1
VT = 1.25 V
300
400
ps
tjabs4B
1
VT = 1.25 V
-1000
800
1000
ps
1Guarenteed by design, not 100% tested in production.
Electrical Characteristics - REF0
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 20 - 45 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP7
VO = VDD*(0.5)
10
24
Ω
Output Impedance
RDSN7
VO = VDD*(0.5)
10
24
Ω
Output High Voltage
VOH7
IOH = -30 mA
2.6
2.75
V
Output Low Voltage
VOL7
IOL = 23 mA
0.3
0.4
V
Output High Current
IOH7
VOH = 2.0 V
-62
-54
mA
Output Low Current
IOL7
VOL = 0.8 V
42
50
mA
Rise Time
Tr7
1
VOL = 0.4 V, VOH = 2.4 V
0.9
2
ns
Fall Time
Tf7
1
VOH = 2.4 V, VOL = 0.4 V
0.9
2
ns
Duty Cycle
Dt7
1
VT = 1.5 V
40
54
60
%
tjcyc-cyc7B
1
VT = 1.25 V
1400
ps
Jitter
tj1s7B
1
VT = 1.25 V
350
ps
tjabs7B
1
VT = 1.25 V
-1000
900
1000
ps
1Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com