Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9169CF-36 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9169CF-36
Description  Low Cost 20-Pin Frequency Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169CF-36 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9169CF-36 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ICS9169C-36
5
ICS XXXX F-PPP
Example:
Package Type
F=SSOP
Device Type (consists of 3 or 4 digit numbers)
ICS=Standard Device
Prefix
Ordering Information
ICS9169CF-36
Pattern Number(2 or 3 digit number for parts with ROM code patterns)
SYMBOL
COMMON
DIMENSIONS
VARIATIONS
D
MIN.
NOM.
MAX.
N
MIN.
NOM.
MAX.
A
0.068
0.073
0.078
14
0.239
0.244
0.249
A1
0.002
0.005
0.008
16
0.239
0.244
0.249
A2
0.066
0.068
0.070
20
0.278
0.284
0.289
b
0.010
0.012
0.015
24
0.318
0.323
0.328
c
0.004
0.006
0.008
28
0.397
0.402
0.407
D
See Variations
30
0.397
0.402
0.407
E
0.205
0.209
0.212
e
0.0256 BSC
H
0.301
0.307
0.311
L
0.025
0.030
0.037
N
See Variations
∝
0°
4°
8°
Dimensions in inches
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.
209 mil 20Pin SSOP Package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com