Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX230 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EX230
Description  Mini Digital MultiMeters IR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX230 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EX230 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2009-2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
01/10/10 - R1
Rugged design with built-in IR Thermometer
Quickly identify overheating motors or locate hot spots on electrical panels and
HVAC vents without contact
Mini Digital MultiMeters + IR
Ordering Information
EX210 ..................Autoranging MultiMeter + IR Thermometer
EX210-NISTL* ......EX210 with Limited NIST Certificate
EX210-NIST ..........EX210 with NIST Certificate
EX230 ..................Autoranging MultiMeter + IR Thermometer
EX230-NISTL* ......EX230 with Limited NIST Certificate
EX230-NIST ..........EX230 with NIST Certificate
* Product certifies to all functions except IR Thermometer
Model EX210
• 2000 counts
• 4:1 Distance to Target Ratio
• Max Hold
Model EX230
• 4000 counts
• 6:1 Distance to Target Ratio
• Advanced functions include Type
K Temperature, Capacitance,
Frequency, and Duty Cycle
• Relative Mode
Common Features:
• Large backlit dual LCD
with easy-to read digits
• Low current capability
• Input fuse protection
• Auto power off and Data Hold
• Complete with test leads, general
purpose bead wire temperature
probe (Model EX230), and 9V battery
Patented
Built-in non-contact IR
Thermometer quickly identifies
hot spots on electrical panels
AC/DC Voltage measurements
Type K Temperature function
(EX230 model)
Specifications
EX210
EX230
Display Counts
2000
4000
Basic Accuracy (VDC)
±0.5%
±0.5%
AC/DC Voltage
0.1mV to 600V
0.1mV to 600V
AC/DC Current
0.1μA to 10A
0.1μA to 10A
Resistance
0.1Ω to 20MΩ
0.1Ω to 40MΩ
Capacitance
—
0.01nF to 100μF
Frequency
—
0.001Hz to 10MHz
Temperature (IR)
-5 to 446°F
-5 to 446°F
(-20 to 230°C)
(-20 to 230°C)
Temperature (Type K)
—
-4 to 1400°F
(-20 to 760°C)
Duty Cycle
—
0.1% to 99.9%
Continuity / Diode
Yes
Yes
Dimensions
5.8x2.9x1.6" (147x76x42mm)
Weight
9.17oz (260g)


Similar Part No. - EX230

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
EX2300 JUNIPER-EX2300 Datasheet
859Kb / 12P
EX2300 ETHERNET SWITCH
EX2300-24MP JUNIPER-EX2300-24MP Datasheet
859Kb / 12P
EX2300 ETHERNET SWITCH
EX2300-24P JUNIPER-EX2300-24P Datasheet
859Kb / 12P
EX2300 ETHERNET SWITCH
EX2300-24P-TAA JUNIPER-EX2300-24P-TAA Datasheet
859Kb / 12P
EX2300 ETHERNET SWITCH
EX2300-24P-VC JUNIPER-EX2300-24P-VC Datasheet
859Kb / 12P
EX2300 ETHERNET SWITCH
More results

Similar Description - EX230

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A_15 Datasheet
298Kb / 1P
Compact Digital Mini MultiMeters
MN16A EXTECH-MN16A Datasheet
298Kb / 1P
Compact Digital Mini MultiMeters
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
Digital Mini MultiMeters
MN36 EXTECH-MN36_15 Datasheet
294Kb / 1P
Digital Mini MultiMeters
logo
Keysight Technologies
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
Digital Multimeters
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
Digital Multimeters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com