Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248-162 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-162
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-162 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-162 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9248- 162
Block Diagram
Pentium is a trademark of Intel Corporation
I
2C is a trademark of Philips Corporation
Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
9248-162 Rev A 8/31/00
Pin Configuration
•
Up to 137MHz frequency support
•
Spread Spectrum for EMI control
•
Serial I2C interface for Power Management,
Frequency Select, Spread Spectrum.
•
Provides the following system clocks
- 4-CPUs @ 2.5/3.3V, up to 137MHz.
(including CPUCLK_F)
- 9-SDRAMs @3.3V, up to 137MHz
(including SDRAM_F)
- 8-PCI @3.3V,CPU/2orCPU/3
(including 1 free running PCICLK_F)
- 1-24/48MHz@3.3V
-1-48MHz@3.3Vfixed
- 2-REF@3.3V,14.318MHz.
•
Efficient Power management scheme through PCI
andCLKSTOPCLOCKS
•
Spread Spectrum ± .25%, & 0 to -0.5% down spread
48-Pin SSOP and TSSOP
Power Groups
VDDLCPU,GNDLCPU=CPUCLK[2:0],CPUCLK_F
VDDSDR,GNDSDR=SDRAMCLKS[7:0],SDRAM_F
VDDPCI,GNDPCI=PCICLKS[6:0],PCICLK_F
VDD48,GND48=48MHz,24MHz
VDDREF,GNDREF=REF,X1,X2
VDDCOR=PLLCORE
* Internal Pull-up Resistor of 120K to VDD
The ICS9248-162 is the single chip clock solution for various
mobile chipset platforms. It provides all necessary clock signals
for such a system.
Spread spectrum may be enabled through I2C programming.
Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting to
board design iterations or costly shielding. The ICS9248-162
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
VDDREF
REF0
GNDREF
X1
X2
VDDPCI
*CPU2.5_3.3#/PCICLK_F
*FS3/PCICLK0
GNDPCI
*SEL24_48#/PCICLK1
PCICLK2
PCICLK3
PCICLK4
VDDPCI
BUFFER IN
GNDPCI
PCICLK5
PCICLK6
VDDCOR
PCI_STOP#
*PD#
GND48
SDATA
SCLK
REF1/FS2*
VDDLCPU
CPUCLK_F
CPUCLK0
GNDLCPU
CPUCLK1
CPUCLK2
CLK_STOP#
GNDSDR
SDRAM_F
SDRAM0
SDRAM1
VDDSDR
SDRAM2
SDRAM3
GNDSDR
SDRAM4
SDRAM5
VDDSDR
SDRAM6
SDRAM7
VDD48
48MHz/FS0*
24_48MHz/FS1*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
CLK_STOP#
PCI_STOP#
CPU2.5_3.3#
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
CPUCLK_F
CPUCLK (2:0)
SDRAM (7:0)
PCICLK (6:0)
PCICLK_F
SDRAM_F
X1
X2
BUFFER IN
XTAL
OSC
PCI
CLOCK
DIVDER
STOP
STOP
STOP
SDATA
SCLK
PD#
FS(3:0)
SEL24_48#
Control
Logic
Config.
Reg.
/ 2
REF(1:0)
LATCH
POR
2
3
8
7
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9248-162

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
AMD - K7??Clock Generator for Mobile System
Rev B 01/09/01
More results

Similar Description - ICS9248-162

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-101 ICST-ICS9248-101 Datasheet
362Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
Rev C 2/29/00
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 10/14/99
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 8/18/00
ICS9248-185 ICST-ICS9248-185 Datasheet
100Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com