Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248-80 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-80
Description  General Purpose 133MHz System Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-80 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-80 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9248-80
Block Diagram
Pentium II is a trademark of Intel Corporation
I
2C is a trademark of Philips Corporation
General Purpose 133MHz System Clock
9248-80 Rev A 3/21/00
Pin Configuration
•
Extended temperature range (-20°C to +70°C)
•
Output features:
- 8 CLK outputs @ 3.3V, up to 133.34MHz.
-1-REFoutput@3.3V,14.31818MHz.
•
Spread Spectrum for EMI control
•I2C interface to stop clocks, select spread and frequency.
•
Excellent power managment feature through CLK_STOP#
and individual stop clocks through I2C.
•
Input is from a 14.31818MHz crystal.
28-Pin 209 mil SSOP
The ICS9248-80 is a general purpose system clock. It
provides 8 output CLKs, 1 REF CLK and excellent power
management features through CLK_STOP#.
Spread spectrum may be enabled through I2C programming.
Spread spectrum typically reduces EMI by 8dB to 10 dB.
This simplifies EMI qualification without resorting to board
design iterations or costly shielding. The ICS9248-80
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
* These inputs have a 120K internal pull-up to 3.3V.
** These inputs have a 120K internal pull-down to GND.
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9248-80

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9248-80 RENESAS-ICS9248-80 Datasheet
423Kb / 8P
General Purpose 133MHz System Clock
2019
More results

Similar Description - ICS9248-80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2010 PHILIPS-PCK2010 Datasheet
113Kb / 16P
CK98 100/133MHz Spread Spectrum System Clock Generator
1999 Mar 01
PCK2010R PHILIPS-PCK2010R Datasheet
102Kb / 18P
CK98R 100/133MHz RCC spread spectrum system clock generator
1999 Oct 19
PCK2010RA PHILIPS-PCK2010RA Datasheet
108Kb / 16P
CK98R 100/133MHz RCC spread spectrum system clock generator
2001 Apr 02
PCK2020 PHILIPS-PCK2020 Datasheet
110Kb / 16P
CK00 100/133MHz spread spectrum differential system clock generator
2000 Nov 13
logo
Winbond
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
133MHZ 3-DIMM K7 CLOCK
logo
Fairchild Semiconductor
RC7106 FAIRCHILD-RC7106 Datasheet
815Kb / 16P
133MHz Spread Spectrum Clock for Motherboards
logo
Integrated Device Techn...
ICS843S104I-133 IDT-ICS843S104I-133 Datasheet
1Mb / 24P
Crystal-to-LVPECL 133MHz Clock Synthesizer
logo
Texas Instruments
CDC922 TI1-CDC922_06 Datasheet
254Kb / 18P
133MHz CLOCK SYNTHESIZER/DRIVER
CDC924 TI1-CDC924_08 Datasheet
462Kb / 21P
133Mhz Clock Synthesizer/Driver
logo
Renesas Technology Corp
ICS9248-80 RENESAS-ICS9248-80 Datasheet
423Kb / 8P
General Purpose 133MHz System Clock
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com