Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-14 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9250-14
Description  Frequency Timing Generator for Pentium II Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-14 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9250-14 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9250-14
Block Diagram
Pentium II is a trademark of Intel Corporation
I
2C is a trademark of Philips Corporation
Frequency Timing Generator for Pentium II Systems
9250-14 Rev A 2/5/00
Pin Configuration
•
Generates the following system clocks:
- 2 - CPUs @ 2.5V, up to 150MHz.
- 1 - IOAPIC @ 2.5V, PCI or PCI/2MHz.
-13 SDRAMs(3.3V)@150MHz.
-2-3V66@3.3V,2xPCIMHz.
- 8 - PCIs @ 3.3V.
- 1 - 48MHz, @ 3.3V fixed.
-2-REF@3.3V,14.318Hz.
- 1 - 24MHz, @ 3.3V fixed.
•
Supports spread spectrum modulation ,
± .25% center spread.
•I2C support for power management
•
Efficient power management scheme through PD#
•
Uses external 14.138 MHz crystal
56-Pin 300 mil SSOP
The ICS9250-14 is a single chip clock for Intel Pentium II.
It provides all necessary clock signals for such a system.
Spread spectrum may be enabled through I2C programming.
Spread spectrum typically reduces EMI by 8dB to 10 dB.
This simplifies EMI qualification without resorting to board
design iterations or costly shielding. The ICS9250-14
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
Power Groups
GNDREF,VDDREF=REF,Crystal
GND3V66,VDD3V66=3V66
GNDPCI,VDDPCI=PCICLKs
GNDCOR,VDDCOR=PLLCORE
GND48,VDD48=48
GNDSDR,VDDSDR=SDRAM
GNDLCPU,VDDLCPU=CPUCLK
GNDLPCI,VDDLAPIC=IOAPIC
1. These pins will have 2X drive strength.
* 120K ohm pull-up to VDD on indicated inputs.
Skew Specifications
•
CPU – CPU: <175ps
•
SDRAM - SDRAM: < 250ps
•
3V66–3V66:<250ps
•
PCI – PCI: <500ps
•
CPU-SDRAM<500ps
•
CPU(early)-PCI:MIN=1.0ns,TYP=2.0,MAX=4.0
•
CPU-3V66<500ps
•
3V66(early)-PCI:MIN=1.5ns,TYP=2.0,MAX=4.0
•
IOAPIC-PCI<500ps
PRODUCT PREVIEW documents contain information on new
products in the sampling or preproduction phase of development.
Characteristic data and other specifications are subject to change
without notice.
Preliminary Product Preview


Similar Part No. - ICS9250-14

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
Frequency Timing Generator for Pentium II Systems
Rev J 6/15/99
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
Frequency Timing Generator for Pentium II Systems
12/14/01
logo
Integrated Circuit Syst...
ICS9250-11 ICST-ICS9250-11 Datasheet
194Kb / 8P
Frequency Timing Generator for PENTIUM II/III Systems
Rev C 3/20/00
ICS9250-12 ICST-ICS9250-12 Datasheet
395Kb / 12P
Frequency Timing Generator for PENTIUM II/III Systems
Rev B 2/23/00
logo
Renesas Technology Corp
ICS9250-12 RENESAS-ICS9250-12 Datasheet
813Kb / 13P
Frequency Timing Generator for PENTIUM II/III Systems
2019
More results

Similar Description - ICS9250-14

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 7/21/99
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
Frequency Timing Generator for Pentium II Systems
Rev J 6/15/99
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
Frequency Timing Generator for Pentium II Systems
12/14/01
ICS9248-77 RENESAS-ICS9248-77 Datasheet
676Kb / 15P
Frequency Timing Generator for PENTIUM II Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com