Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-29 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9250-29
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-29 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9250-29 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 14Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
ICS9250-29
Electrical Characteristics - PCI
T
A = 0 - 70C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 10-30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
R
DSP1
1
V
O = VDD*(0.5)
12
55
Ω
Output Impedance
R
DSN1
1
V
O = VDD*(0.5)
12
55
Ω
Output High Voltage
V
OH1
I
OH = -1 mA
2.4
V
Output Low Voltage
V
OL1
I
OL = 1 mA
0.4
V
Output High Current
I
OH1
V
OH@ MIN = 1.0 V, VOH@ MAX = 3.135 V
-33
-33
mA
Output Low Current
I
OL1
V
OL@ MIN = 1.95 V, VOL@ MAX= 0.4
30
38
mA
Rise Time
t
r1
1
V
OL = 0.4 V, VOH = 2.4 V
0.5
1.43
2
ns
Fall Time
t
f1
1
V
OH = 2.4 V, VOL = 0.4 V
0.5
1.63
2
ns
Duty Cycle
d
t1
1
V
T = 1.5 V
45
51.9
55
%
Skew
t
sk1
1
V
T = 1.5 V
500
ps
Jitter
t
jcyc-cyc
1
V
T = 1.5 V
500
ps
1Guarenteed by design, not 100% tested in production.
Electrical Characteristics - REF, 48MHz_0
T
A = 0 - 70C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%, CL = 10 -20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
R
DSP5
1
V
O = VDD*(0.5)
20
60
Ω
Output Impedance
R
DSN5
1
V
O = VDD*(0.5)
20
60
Ω
Output High Voltage
V
OH5
I
OH = 1 mA
2.4
V
Output Low Voltage
V
OL5
I
OL = -1 mA
0.4
V
Output High Current
I
OH5
V
OH @MIN=1 V, VOH@MAX= 3.135 V
-29
-23
mA
Output Low Current
I
OL5
V
OL@MIN=1.95 V, VOL@MIN=0.4 V
29
27
mA
Rise Time
t
r5
1
V
OL = 0.4 V, VOH = 2.4 V
1
1.53
4
ns
Fall Time
t
f5
1
V
OH = 2.4 V, VOL = 0.4 V
1
1.76
4
ns
Duty Cycle
d
t5
1
V
T = 1.5 V
45
53.6
55
%
t
jcyc-cyc
1
V
T = 1.5 V; Fixed Clocks
500
ps
t
jcyc-cyc
1
V
T = 1.5 V; Ref Clocks
1000
ps
1Guarenteed by design, not 100% tested in production.
Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com