Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9342 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9342
Description  133MHz Clock Generator and Integrated Buffer for PowerPC?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9342 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9342 Datasheet HTML 1Page - Integrated Circuit Systems ICS9342 Datasheet HTML 2Page - Integrated Circuit Systems ICS9342 Datasheet HTML 3Page - Integrated Circuit Systems ICS9342 Datasheet HTML 4Page - Integrated Circuit Systems ICS9342 Datasheet HTML 5Page - Integrated Circuit Systems ICS9342 Datasheet HTML 6Page - Integrated Circuit Systems ICS9342 Datasheet HTML 7Page - Integrated Circuit Systems ICS9342 Datasheet HTML 8Page - Integrated Circuit Systems ICS9342 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ICS9342
Third party brands and names are the property of their respective owners.
Electrical Characteristics - PCI
TA = 0 - 70º C; VDD = 3.3 V +/-5%; CL =30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
21
55
Output Impedance
RDSN1
1
VO = VDD*(0.5)
12
21.2
55
Output High Voltage
VOH1
IOH = -11 mA
2.4
Output Low Voltage
VOL1
IOL = 9.4 mA
0.17
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-60
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
25
47
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
0.9
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
50
55
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
170
500
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - CPU
TA = 0 - 70º C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAM ETER
SYM BOL
CONDITIONS
M IN
TYP
M AX
UNITS
Output Impedance
RDSP 2B
1
VO = VDD*(0.5)
13.5
20
45
Output Impedance
RDSN2B
1
VO = VDD*(0.5)
13.5
29
45
Output High Voltage
VOH2B
IOH = -8.0 mA
2
2.4
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.32
0.4
V
Output High Current
IOH2B
VOH =1.7 V
-37
-16
mA
Output Low C urrent
IOL2B
VOL = 0.7 V
19
26
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.4 V
1.13
2
ns
Fall Time
tf2B
1
VOH = 2.4 V, VOL = 0.4 V
1.27
2
ns
VT = 1.5 V; Cpu@ 66M , 83M , 100M
45
52
56
VT = 1.5 V; Cpu@133M & 146.6M
51
56
60
Skew
tsk2B
1
VT = 1.5 V
187
200
ps
VT = 1.5 V; Normal
95
150
VT = 1.5 V; Spread, CPU = 91.58M Hz
143
200
VT = 1.5 V; Spread, CPU remaining freq.
143
175
1 Guaranteed by design, not 100% tested in production.
Duty Cy cle
dt2B
1
%
Jitter, Cycle-to-cycle
tjcyc-cyc2B
1
ps



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com