Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS94209 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS94209
Description  Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94209 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS94209 Datasheet HTML 1Page - Integrated Circuit Systems ICS94209 Datasheet HTML 2Page - Integrated Circuit Systems ICS94209 Datasheet HTML 3Page - Integrated Circuit Systems ICS94209 Datasheet HTML 4Page - Integrated Circuit Systems ICS94209 Datasheet HTML 5Page - Integrated Circuit Systems ICS94209 Datasheet HTML 6Page - Integrated Circuit Systems ICS94209 Datasheet HTML 7Page - Integrated Circuit Systems ICS94209 Datasheet HTML 8Page - Integrated Circuit Systems ICS94209 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ICS94209
Third party brands and names are the property of their respective owners.
Integrated
Circuit
Systems, Inc.
94209 RevA - 04/27/01
Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
Block Diagram
Recommended Application:
Single chip clock solution 630S chipset.
Output Features:
3 - CPU @ 2.5V
13 - SDRAM @ 3.3V
6- PCI @3.3V,
2 - AGP @ 3.3V
1- 48MHz, @3.3V fixed.
1- 24/48MHz, @3.3V selectable by I
2C
(Default is 24MHz)
2- REF @3.3V, 14.318MHz.
Features:
Programmable ouput frequency.
Programmable ouput rise/fall time.
Programmable SDRAM and CPU skew.
Spread spectrum for EMI control typically
by 7dB to 8dB,
with programmable spread percentage.
Watchdog timer technology to reset system
if over-clocking causes malfunction.
Uses external 14.318MHz crystal.
FS pins for frequency select
Skew Specifications:
CPU - CPU: < 175ps
SDRAM - SDRAM < 250ps (except SDRAM12)
PCI - PCI: < 500ps
CPU (early) - PCI: 1-4ns (typ. 2ns)
Functionality
Pin Configuration
48-Pin 300mil SSOP
* These inputs have a 120K pull down to GND.
1 These are double strength.
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
CPUCLK (2:0)
SDRAM (12:0)
PCICLK (4:0)
AGP (1:0)
PCICLK_F
2
5
13
3
2
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
PCI
DIVDER
Stop
Stop
Stop
SDATA
SCLK
FS(3:0)
PD#
PCI_STOP#
CPU_STOP#
SDRAM_STOP#
MODE
AGP_SEL
Control
Logic
Config.
Reg.
/ 2
REF(1:0)
AGP
DIVDER
VDDA
(AGPSEL)REF0
*(FS3)REF1
GND
X1
X2
VDDPCI
*(FS1)PCICLK_F
*(FS2)PCICLK0
PCICLK1
PCICLK2
PCICLK3
PCICLK4
GND
VDDAGP
AGPCLK0
AGPCLK1
GND
GND
*(FS0)48MHz
*(MODE)24_48MHz
VDD48
SDATA
SCLK
1
1
*
VDDL
CPUCLK0
CPUCLK1
CPUCLK2
GND
VDDSDR
SDRAM0
SDRAM1
SDRAM2
GND
SDRAM3
SDRAM4
SDRAM5
VDDSDR
SDRAM6
SDRAM7
GND
SDRAM8/PD#
SDRAM9/SDRAM_STOP#
GND
SDRAM10/PCI_STOP#
SDRAM11/CPU_STOP#
SDRAM12
VDDSDR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
0
0
0
0
66.67
66.67
33.33
66.67
50.00
0
0
0
1
100.00
100.00
33.33
66.67
50.00
0
0
1
0
166.67
166.67
33.33
66.66
55.56
0
0
1
1
133.33
133.33
33.33
66.67
50.00
0
1
0
0
66.67
100.00
33.33
66.67
50.00
0
1
0
1
100.00
66.67
33.33
66.67
50.00
0
1
1
0
100.00
133.33
33.33
66.67
50.00
0
1
1
1
133.33
100.00
33.33
66.67
50.00
1
0
0
0
112.00
112.00
33.60
67.20
56.00
1
0
0
1
124.00
124.00
31.00
62.00
46.50
1
0
1
0
138.00
138.00
34.50
69.00
51.75
1
0
1
1
150.00
150.00
30.00
60.00
50.00
1
1
0
0
66.67
133.33
33.33
66.67
50.00
1
1
0
1
100.00
150.00
30.00
60.00
50.00
1
1
1
0
150.00
100.00
30.00
60.00
50.00
1
1
1
1
160.00
120.00
30.00
60.00
48.00
AGP
SEL = 0
AGP
SEL = 1
CPU
SDRAM PCICLK
FS3FS2 FS1FS0
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS94209

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94201 ICST-ICS94201 Datasheet
358Kb / 18P
Programmable System Frequency Generator for PII/III?
logo
Renesas Technology Corp
ICS94201 RENESAS-ICS94201 Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
ICS94201YFLFT RENESAS-ICS94201YFLFT Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
logo
Integrated Circuit Syst...
ICS94203 ICST-ICS94203 Datasheet
183Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 02/13/01
ICS94203YF-T ICST-ICS94203YF-T Datasheet
183Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 02/13/01
More results

Similar Description - ICS94209

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9150-08 ICST-ICS9150-08 Datasheet
430Kb / 13P
Frequency Generator & Integrated Buffers for Pentium/Pro?
Rev E 09/28/98
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev F 12/16/99
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 3/25/99
ICS9148-37 ICST-ICS9148-37 Datasheet
425Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/Pro
ICS951901 ICST-ICS951901 Datasheet
180Kb / 19P
Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-195 ICST-ICS9248-195 Datasheet
148Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM II/III & K6
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com