Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS94211 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS94211
Description  Programmable System Frequency Generator for PII/III?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94211 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS94211 Datasheet HTML 1Page - Integrated Circuit Systems ICS94211 Datasheet HTML 2Page - Integrated Circuit Systems ICS94211 Datasheet HTML 3Page - Integrated Circuit Systems ICS94211 Datasheet HTML 4Page - Integrated Circuit Systems ICS94211 Datasheet HTML 5Page - Integrated Circuit Systems ICS94211 Datasheet HTML 6Page - Integrated Circuit Systems ICS94211 Datasheet HTML 7Page - Integrated Circuit Systems ICS94211 Datasheet HTML 8Page - Integrated Circuit Systems ICS94211 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated
Circuit
Systems, Inc.
ICS94211
94211 Rev A 03/28/01
Pin Configuration
Recommended Application:
440BX/VIA Apollo Pro133/ ALI 1631 style chipset.
Output Features:
•
2 - CPUs @2.5V
•
1 - IOAPIC @ 2.5V
•
13 - SDRAM @ 3.3V
•
6 - PCI @3.3V,
•
1 - 48MHz, @3.3V
•
1 - 24MHz @ 3.3V
•
2 - REF @3.3V, 14.318MHz.
Features:
•
Programmable ouput frequency.
•
Programmable ouput rise/fall time.
•
Programmable PCICLK, PCICLK_F,
SDRAM skew.
•
Real time system reset output
•
Spread spectrum for EMI control typically by 7dB to 8dB,
with programmable spread percentage.
•
Watchdog timer technology to reset system
if over-clocking causes malfunction.
•
Uses external 14.318MHz crystal.
•
FS pins for frequency select
Key Specifications:
•
CPU – CPU: <175ps
•
SDRAM - SDRAM: <500ps
•
PCI – PCI: <500ps
•
CPU(early)-PCI: Min=1.0ns, Typ=2.0ns, Max=4.0ns
Programmable System Frequency Generator for PII/III™
Block Diagram
48-Pin 300mil SSOP
VDDREF
*PCI_STOP/REF0
GND
X1
X2
VDDPCI
*MODE/PCICLK_F
**FS3/PCICLK0
GND
PCICLK1
PCICLK2
PCICLK3
PCICLK4
VDDPCI
BUFFER_IN
GND
SDRAM12
SDRAM11
VDDSDR
SDRAM10
SDRAM9
GND
SDATA
SCLK
VDDL
IOAPIC
REF1/FS2*
GND
CPUCLK0
CPUCLK1
VDDLCPU
RESET#
SDRAM0
GND
SDRAM1
SDRAM2
VDDSDR
SDRAM3
SDRAM4
GND
SDRAM5
SDRAM6
VDDSDR
SDRAM7
SDRAM8
VDD48
48MHz/FS0*
24MHz/FS1*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
* Internal Pull-up Resistor of 120K to VDD
** Internal Pull-down resistor of 120K to GND
Functionality
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
K
L
C
I
C
P
)
z
H
M
(
0000
0
0
.
0
80
0
.
0
4
000
1
0
0
.
5
70
5
.
7
3
00
1
0
1
3
.
3
85
6
.
1
4
00
11
2
8
.
6
61
4
.
3
3
01
0
0
0
0
.
3
0
13
3
.
4
3
01
01
1
0
.
2
1
14
3
.
7
3
01
1
0
1
0
.
8
61
0
.
4
3
0
111
3
2
.
0
0
11
4
.
3
3
1
000
0
0
.
0
2
10
0
.
0
4
10
0
1
9
9
.
4
1
13
3
.
8
3
10
10
9
9
.
9
0
16
6
.
6
3
10
1
1
0
0
.
5
0
10
0
.
5
3
11
00
0
0
.
0
4
10
0
.
5
3
11
0
1
0
0
.
0
5
10
5
.
7
3
111
0
0
0
.
4
2
10
0
.
1
3
1111
9
9
.
2
3
15
2
.
3
3
PCI_STOP#
PLL2
PLL1
Spread
Spectrum
48MHz
24MHz
IOAPIC
CPUCLK (1:0)
RESET#
SDRAM (12:0)
PCICLK (4:0)
PCICLK_F
X1
X2
BUFFER IN
XTAL
OSC
PCI
CLOCK
DIVDER
STOP
SDATA
SCLK
FS(3:0)
MODE
Control
Logic
Config.
Reg.
/2
REF(1:0)
2
2
13
5
4
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS94211

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS94211 RENESAS-ICS94211 Datasheet
355Kb / 18P
Programmable System Frequency Generator for PII/III™
2019
logo
Integrated Device Techn...
ICS94211AFLF IDT-ICS94211AFLF Datasheet
170Kb / 17P
Programmable System Frequency Generator for PII/III?
logo
Renesas Technology Corp
ICS94211YFLF-T RENESAS-ICS94211YFLF-T Datasheet
355Kb / 18P
Programmable System Frequency Generator for PII/III™
2019
More results

Similar Description - ICS94211

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9250-32 ICST-ICS9250-32 Datasheet
447Kb / 11P
Frequency Generator & Integrated Buffers for PII/III?
Rev B 9/7/00
ICS94203 ICST-ICS94203 Datasheet
183Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 02/13/01
ICS94206 ICST-ICS94206 Datasheet
189Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 04/26/01
logo
List of Unclassifed Man...
ICS94222 ETC-ICS94222 Datasheet
419Kb / 19P
Programmable System Frequency Generator for PII/III?
logo
Integrated Device Techn...
ICS94211AFLF IDT-ICS94211AFLF Datasheet
170Kb / 17P
Programmable System Frequency Generator for PII/III?
logo
Integrated Circuit Syst...
ICS94201 ICST-ICS94201 Datasheet
358Kb / 18P
Programmable System Frequency Generator for PII/III?
logo
Renesas Technology Corp
ICS94201 RENESAS-ICS94201 Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
ICS94211 RENESAS-ICS94211 Datasheet
355Kb / 18P
Programmable System Frequency Generator for PII/III™
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com