Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHT50 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # RHT50
Description  Humidity/Temperature/Pressure Datalogger
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RHT50 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  RHT50 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
RHT50 ............Humidity/Temperature/Pressure Datalogger
42299 ............3.6V Lithium Batery (pkg of 2)
Specifications subject to change without notice.
Copyright © 2009-2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
9/16/11 - R1
Features:
• USB interface for easy set-up and data download
• Selectable Atmospheric Pressure Units: psi, hPa, kPa, and bar
• Selectable data sampling rate from 1 minute to 18 hours
• User-programmable Min/Max alarm thresholds
• Manual and Programmable start modes
• Status Indication via Red/Yellow LED and Green LED
• Long battery life
• Complete with 3.6V Lithium battery, mounting bracket, and
Windows
® 98, 2000, XP, and Vista compatible analysis software
Records Humidity, Temperature and Atmospheric Pressure
Datalogs up to 10,000 readings with a user programmable sample rate
Humidity/Temperature/Pressure Datalogger
Specifications
Range
Resolution
Accuracy (%rdg+digits)
Temperature
-40 to 158°F
0.1°F/°C
±1.8°F (14 to 104°F)
±3.6°F (-40 to +14 and 104 to 158°F)
-40 to 70°C
±1.0°C (-10 to 40°C)
±2.0°C (-40 to -10 and +40 to 70°C)
Humidity
0 to 100%RH
0.1%RH
±3.5%RH
Air Pressure
13.7 to 15.2psi
0.1psi
950 to 1050hPa
0.1hPa
95 to 105kPa
0.1kPa
0.9 to 1.0bar
0.1bar
Datalogging interval
1 minute to 18 hours
Memory
10,000 points
Dimensions
5.1 x 1.1 x 0.98" (130 x 30 x 25mm)
Weight
1oz (20g)
Monitors Humidity, Temperature and Air
Pressure levels in clean rooms, warehouses,
storage rooms, freezers, shipping vans, and
water damage restoration
USB connector easily plugs into a computer
for data analysis


Similar Part No. - RHT50

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RHT NICHICON-RHT Datasheet
674Kb / 2P
High Temperature
logo
Amphenol Corporation
RHT-2-I-1-D AMPHENOL-RHT-2-I-1-D Datasheet
183Kb / 8P
Space, Duct, and Outside Air Configurations
RHT-2-I-1-O/A AMPHENOL-RHT-2-I-1-O/A Datasheet
183Kb / 8P
Space, Duct, and Outside Air Configurations
RHT-2-I-1-S AMPHENOL-RHT-2-I-1-S Datasheet
183Kb / 8P
Space, Duct, and Outside Air Configurations
RHT-2-I-2-D AMPHENOL-RHT-2-I-2-D Datasheet
183Kb / 8P
Space, Duct, and Outside Air Configurations
More results

Similar Description - RHT50

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
42270 EXTECH-42270 Datasheet
92Kb / 1P
Temperature & Humidity Datalogger
42280 EXTECH-42280 Datasheet
199Kb / 1P
Temperature and Humidity Datalogger
TH10 EXTECH-TH10 Datasheet
419Kb / 12P
Temperature Datalogger
SD800 EXTECH-SD800 Datasheet
194Kb / 1P
CO2/Humidity/Temperature Datalogger
42275 EXTECH-42275_15 Datasheet
439Kb / 1P
42265 & 42275 Humidity and Temperature Datalogger Kits
42280 EXTECH-42280_15 Datasheet
164Kb / 1P
Temperature and Humidity Datalogger
SD700 EXTECH-SD700 Datasheet
144Kb / 1P
Barometric Pressure/Humidity/Temperature Datalogger
SDL550 EXTECH-SDL550 Datasheet
171Kb / 1P
Humidity Content Meter/Datalogger
logo
TE Connectivity Ltd
MS8607-02BA01 TEC-MS8607-02BA01 Datasheet
618Kb / 22P
Integrated pressure, humidity and temperature sensor
logo
Testo SE & Co. KGaA
TESTO622 TESTO-TESTO622 Datasheet
258Kb / 2P
Humidity/temperature/pressure measuring instrument
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com