Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESR12 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # ESR12
Description  LOW CAPACITA NCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESR12 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  ESR12 Datasheet HTML 1Page - Bruckewell Technology LTD ESR12 Datasheet HTML 2Page - Bruckewell Technology LTD ESR12 Datasheet HTML 3Page - Bruckewell Technology LTD ESR12 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ESR12
LOW CAPACITA NCE TVS ARRAY
Publication Order Number: [ESR12]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute ratings (limiting value)
Symbol
Parameter
Value
Unit
PPK
Peak Pulse Power (tp = 8/20μs)
150
W
VF
Peak Forward Voltage
– IF=1A, 2/20μs
1.5
V
TJ
Operating Voltage
-55 to +125
°C
TSTG
Storage Temperature Range
-55 to +150
°C
TL
Lead Solder Temperature
– Maximum (10 Second Duration)
260
°C
Electrical Characteristics(TJ=25°C nless otherwise noted)
Part Numbers
VBR
IT
VRM
IRM
VF max
IF
Cj typ
Min.
Typ.
Max.
V
V
V
mA
V
uA
V
mA
PF
ESR12
13.3
14
16.5
1
12
1
1.25
200
0.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com