Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK3713 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK3713
Description  Low Cost 3.3 Volt VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3713 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK3713 Datasheet HTML 1Page - Integrated Circuit Systems MK3713 Datasheet HTML 2Page - Integrated Circuit Systems MK3713 Datasheet HTML 3Page - Integrated Circuit Systems MK3713 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK3713
Low Cost 3.3 Volt VCXO
MDS 3713 B
1
Revision 020900
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA •95126• (408)295-9800tel • www.icst.com
PRELIMINARY INFORMATION
Block Diagram
Description
Features
The MK3713 is ICS/MicroClock’s lowest cost,
low jitter, high performance 3.3 Volt VCXO
designed to replace expensive VCXO modules.
The on-chip Voltage Controlled Crystal Oscillator
accepts a 0 to 3.3 V input voltage to cause the
output clocks to vary by ±100 ppm. Using
ICS/MicroClock’s patented VCXO and analog
Phase-Locked Loop (PLL) techniques, the device
uses an inexpensive external pullable crystal input
to produce the output clock.
ICS/MicroClock manufactures the largest variety
of communications, set-top box, and multimedia
clock synthesizers for all applications. If more
clock outputs are needed, see the MK3732 or
MK377x family of parts. Consult
ICS/MicroClock to eliminate VCXOs, crystals
and oscillators from your board.
• Packaged in 8 pin SOIC
• Ideal for T1 and E1 VCXOs
• Output range of 1.25 MHz to 10 MHz
• For a 10-20 MHz output range, use the MK3711
• For higher than 20 MHz, use the MK3732-05
• 3.3 V only operating voltage
• Uses an inexpensive 10 - 20 MHz external crystal
• On-chip VCXO (patented) with pull range of
200ppm (minimum)
• VCXO tuning voltage of 0 to 3.3 V
• 12mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
Voltage
Controlled
Crystal
Oscillator
10 -20 MHz
pullable
crystal
X1
X2
VIN
Output
Buffer
VCXOCLK
÷N
S1, S0


Similar Part No. - MK3713

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3711 ICST-MK3711 Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
logo
Renesas Technology Corp
MK3711 RENESAS-MK3711 Datasheet
330Kb / 8P
LOW COST 8 TO 16 MHZ 3.3 VOLT VCXO
051310
logo
Integrated Circuit Syst...
MK3711A ICST-MK3711A Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
MK3711ATR ICST-MK3711ATR Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
MK3711B ICST-MK3711B Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
More results

Similar Description - MK3713

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3711 ICST-MK3711 Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
Revision 052901
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
LOW COST 3.3 VOLT VCXO
Revision 021804
ICS3727XP ICST-ICS3727XP Datasheet
132Kb / 7P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
Revision 102004
logo
Renesas Technology Corp
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com