Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB005-010 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MB005-010
Description  High current capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MB005-010 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MB005-010 Datasheet HTML 1Page - Bruckewell Technology LTD MB005-010 Datasheet HTML 2Page - Bruckewell Technology LTD MB005-010 Datasheet HTML 3Page - Bruckewell Technology LTD MB005-010 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MB005-MB010
PRV : 50 - 1000 Volts
Io : 1.0 Ampere
Publication Order Number: [MB005-MB010]
© Bruckewell Technology Corporation Rev. A -2014
Features
• High current capability
• High surge current capability
• High reliability
• Low reverse current
• Low forward voltage drop
• Ideal for printed circuit board
• RoHS compliant package
Mechanical Characteristics
• Case : Molded plastic
• Epoxy : UL94V-O rate flame retardant
• Terminals : Plated Lead solderable per
MIL-STD-750,Method 2026
• Polarity : Polarity symbols marked on body
• Mounting position : Any
• Weight : 0.4 gram
Packing & Order Information
50/Tube ; 1,000/Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified.
60 Hz, resistive or inductive load.
Symbol
MB005
MB01
MB02
MB04
MB06
MB08
MB010
Unit
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Output
Rectified Current at Ta = 40°C
IF(AV)
1.0
A
Maximum Peak Forward Surge Current
Single half sine wave Superimposed
on rated load (JEDEC Method)
IFSM
50
A


Similar Part No. - MB005-010

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MB005 BWTECH-MB005 Datasheet
340Kb / 4P
High current capability
MB005S BWTECH-MB005S Datasheet
227Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - MB005-010

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
High Current Capability
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
High current capability
logo
DIYI Electronic Technol...
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
High current capability
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
High current capability
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
High Current Capability
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
High current capability
21-Nov-13
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
High current capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com