Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1060C Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MBRF1060C
Description  Dual Common-Cathode High-Voltage Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MBRF1060C Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MBRF1060C Datasheet HTML 1Page - Bruckewell Technology LTD MBRF1060C Datasheet HTML 2Page - Bruckewell Technology LTD MBRF1060C Datasheet HTML 3Page - Bruckewell Technology LTD MBRF1060C Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRF1060CT_MBRF10100CT
Dual Common-Cathode
High-Voltage Schottky Rectifier
Publication Order Number: [MBRF1060CT_MBRF10100CT]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
MBRF1060CT
MBRF10100CT
Unit
Maximum repetitive peak reverse voltage
VRRM
60
100
V
Working peak reverse voltage
VRWM
42
70
V
Maximum DC blocking voltage
VDC
60
100
V
Maximum average forward rectified current
IF(AV)
30
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
200
A
Non-repetitive avalanche energy at 25 °C
IAS = 2 A per diode
EAS
12
m’J
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage at IF=5A, Tj=25°C
at IF=5A, Tj=125°C
VF
0.70
0.63
0.85
0.75
V
Maximum reverse current per leg
Tj=25°C
IR
100
u
’A
at working peak reverse voltage
Tj=125°C
1
m
’A
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Value
Unit
Typical thermal resistance
Symbol
°C/W
RθJA
60
Rthjc
4.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com