Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK74ZD133 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK74ZD133
Description  PLL and 32-Output Clock Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK74ZD133 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK74ZD133 Datasheet HTML 1Page - Integrated Circuit Systems MK74ZD133 Datasheet HTML 2Page - Integrated Circuit Systems MK74ZD133 Datasheet HTML 3Page - Integrated Circuit Systems MK74ZD133 Datasheet HTML 4Page - Integrated Circuit Systems MK74ZD133 Datasheet HTML 5Page - Integrated Circuit Systems MK74ZD133 Datasheet HTML 6Page - Integrated Circuit Systems MK74ZD133 Datasheet HTML 7Page - Integrated Circuit Systems MK74ZD133 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MK74ZD133
PLL and 32-Output Clock Driver
PRELIMINARY
PRELIMINARY INFORMATION
INFORMATION
MDS 74ZD133 C
3
Revision 010899
Printed 11/17/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
Number
Name
Type
Description
1, 2, 9
OUT1, 2, and 4
O
Clock outputs 1, 2 and 4.
3, 10, 16, 22, 27
GND
P
Connect to ground.
4
CLKIN
I
Clock input for reference.
5
FBIN
I
Feedback input for "zero delay" in Multiplier Mode.
6, 7,28,29,35,36,50,55
VDD
P
Power supply for internal circuits and OUT1:4, OUT15:20, and OUT25:32.
8
FBOUT3
O
Clock output 3. Connect to pin 5 for Zero Delay Mode.
11, 12, 14, 15
OUT5-OUT8
O
Clock outputs 5 through 8; level set by VDD5:8 on pin 13.
13
VDD5:8
P
Power supply for outputs 5 through 8. Cannot exceed VDD.
17, 18, 20, 21
OUT9-OUT12
O
Clock outputs 9 through 12; level set by VDD9:12 on pin 19.
19
VDD9:12
P
Power supply for outputs 9 through 12. Cannot exceed VDD.
23
VDD13:14
P
Power supply for outputs 13 and 14. Cannot exceed VDD.
24
OE (see note)
I
Output Enable. Tri-states all clock outputs when low. Internal pull-up.
25, 26
OUT13-OUT14
O
Clock outputs 13 and 14; level set by VDD13:14 on pin 23.
30, 31, 32, 33, 37, 38 OUT15-OUT20
O
Clock outputs 15 through 20.
34, 39, 45, 51
GND
P
Connect to ground.
40, 41, 43, 44
OUT21-OUT24
O
Clock outputs 21 through 24; level set by VDD21:24 on pin 42.
42
VDD21:24
O
Power supply for outputs 21 through 24. Cannot exceed VDD.
46, 47, 48
OUT25-OUT27
O
Clock outputs 25 through 27.
49
OUT28/S0
I/O
Clock output 28 and output frequency select 0 per table on page 5.
52
OUT29/S1
I/O
Clock output 29 and output frequency select 1 per table on page 5.
53
OUT30/S2
I/O
Clock output 30 and output frequency select 2 per table on page 5.
54
OUT31/S3
I/O
Clock output 31 and output frequency select 3 per table on page 5.
56
OUT32/S4
I/O
Clock output 32 and output frequency select 4 per table on page 5.
Pin Descriptions for 56 pin SSOP (F package)
Type: I = Input, O = output, P = power supply connection, I/O=input upon power up, becoming an output
clock within 10 ms later.
Important Note for OE functionality: To use the output enable function, once the OE has been taken
low, and the outputs have been tri-stated, the VDD must be removed and reapplied for the clocks to run
again.
Staggered output skews for 56 pin SSOP (F) To aid in the reduction of EMI, and to allow the board
designer the flexibility of running different length traces whose clock edges will still line up at their
destinations, the MK74ZD133F comes with different fixed skews for different outputs. All skews are with
respect to OUT1 (pin 1), and are measured into 33
Ω termination resistors with 15 pF capacitive loads.
Output Name
Pin Numbers
Typical Skew
Maximum variation
OUT2, OUT25:32
2, 46:49, 52:54, 56
0
200 ps
OUT4, OUT18:24
9, 33, 37, 38, 40, 41, 43, 44
- 350 ps
200 ps
OUT3, OUT5:8, OUT13:17
8, 11, 12, 14, 15, 25, 26, 30:32
-225 ps
200 ps
OUT9:12
17, 18, 20, 21
-150 ps
200 ps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com