Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1672 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1672
Description  Complete 12-Bit, 3 MSPS Monolithic A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1672 Datasheet(HTML) 1 Page - Analog Devices

  AD1672 Datasheet HTML 1Page - Analog Devices AD1672 Datasheet HTML 2Page - Analog Devices AD1672 Datasheet HTML 3Page - Analog Devices AD1672 Datasheet HTML 4Page - Analog Devices AD1672 Datasheet HTML 5Page - Analog Devices AD1672 Datasheet HTML 6Page - Analog Devices AD1672 Datasheet HTML 7Page - Analog Devices AD1672 Datasheet HTML 8Page - Analog Devices AD1672 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Complete 12-Bit, 3 MSPS
Monolithic A/D Converter
AD1672
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Single Supply
Pin Configurable Input Voltage Ranges
Power Dissipation: 240 mW
No Missing Codes Guaranteed
Differential Nonlinearity Error: 0.5 LSB
Complete: On-Chip Sample-and-Hold Amplifier and
Voltage Reference
Signal-to-Noise and Distortion Ratio: 68 dB
Spurious-Free Dynamic Range: –77 dB
Out of Range Indicator
Binary Output Data
Digital I/Os Compatible with +5 V or +3.3 V Logic
28-Pin PLCC Package
input combined with the power and cost savings over previously
available solutions will enable new designs in communications,
imaging and medical applications. The AD1672 provides both
reference output and reference input pins allowing the onboard
reference to serve as a system reference. An external reference
can also be chosen to suit the dc accuracy and temperature drift
requirements of the application. The digital output data is pre-
sented in a straight binary output format for the unipolar input
ranges of 0 V to 2.5 V and 0 V to 5.0 V. For the bipolar input
range of –2.5 V to +2.5 V, the digital output data is presented in
an offset binary format. An out-of-range (OTR) signal indicates
an overflow condition. It can be used with the most significant
bit to determine low or high overflow.
The AD1672 is packaged in a 28-pin PLCC package and is
specified for operation from –40
°C to +85°C.
PRODUCT HIGHLIGHT
The AD1672 offers a complete single-chip sampling 12-bit,
3 MSPS analog-to-digital conversion function in a 28-pin
PLCC package.
The AD1672 at 240 mW consumes a fraction of the power of
presently available solutions and provides exceptional perfor-
mance relative to other monolithic solutions.
OUT OF RANGE (OTR)—The OTR output bit indicates
when the input signal is beyond the AD1672’s input range.
Ease-of-Use—The single supply AD1672 is complete with SHA
voltage reference and pin strappable input ranges. It is compat-
ible with a wide range of amplifiers.
PRODUCT DESCRIPTION
The AD1672 is a monolithic, single supply 12-bit, 3 MSPS
analog-to-digital converter with an on-chip, high performance
sample-and-hold amplifier (SHA) and voltage reference. The
AD1672 uses a multistage pipelined architecture with output
error correction logic to provide 12-bit accuracy at 3 MSPS data
rates and guarantees no missing codes over the full operating
temperature range. The AD1672 combines a high performance
BiCMOS process and a novel architecture to achieve its high
performance levels.
The fast settling input SHA is equally suited for both multi-
plexed systems that switch negative to positive full-scale voltage
levels in successive channels and sampling single-channel inputs
at frequencies up to the Nyquist rate. The AD1672’s wideband
FUNCTIONAL BLOCK DIAGRAM
THA
THA
DAC
AMP
REF
AMP
4
4
3
4
CORRECTION LOGIC
2.5V REF
OUTPUT
REFCOM
OUTPUT DATA
12 BITS
CLOCK INPUT
ADC
DAC
ADC
BANDGAP
REFERENCE
LATCHES
CLOCK TIMER
NOISE
REDUCTION
AIN1 & 2
REF IN
AD1672
THA
THA
REFCOM
ADC
DAC
ADC
DAC
OBSOLETE


Similar Part No. - AD1672

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1672 AD-AD1672 Datasheet
465Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
AD1672 AD-AD1672 Datasheet
96Kb / 7P
12-BIT, 3 MSPS, A TO D CONVERTER
AD1672AP AD-AD1672AP Datasheet
465Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
AD1672 AD-AD1672_17 Datasheet
96Kb / 7P
12-BIT, 3 MSPS, A TO D CONVERTER
More results

Similar Description - AD1672

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1672 AD-AD1672 Datasheet
465Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
AD872A AD-AD872A Datasheet
330Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV.A
AD9225 AD-AD9225 Datasheet
321Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV.A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD871 AD-AD871_15 Datasheet
382Kb / 16P
Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com