Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2161 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2161
Description  6 and 4 Channel, Clickless Serial Input Balance/Master Volume Controls
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2161 Datasheet(HTML) 5 Page - Analog Devices

  SSM2161 Datasheet HTML 1Page - Analog Devices SSM2161 Datasheet HTML 2Page - Analog Devices SSM2161 Datasheet HTML 3Page - Analog Devices SSM2161 Datasheet HTML 4Page - Analog Devices SSM2161 Datasheet HTML 5Page - Analog Devices SSM2161 Datasheet HTML 6Page - Analog Devices SSM2161 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SSM2160/SSM2161
REV. A
–5–
Figure 4. Timing Diagrams
NOTES
1. An idle HI (CLK-H) or idle LO (CLK-LO) clock may be used. Data is latched
on the negative edge.
2. For SPI or microwire three-wire bus operation, tie LD to WRITE and use
WRITE
pulse to drive both pins. (This generates an automatic internal LD
signal.)
3. If an idle HI clock is used, tCW and tWL are measured from the final negative
transition to the idle state.
4. The first data byte selects an address (MSB HI), and subsequent MSB LO states
set gain levels. Refer to the Address/Data Decoding Truth Table.
5. Data must be sent MSB first.
6. The SSM2160/SSM2161 will power up with all channel outputs muted, thus
preventing "start-up blasting." To insure a smooth start-up, data should be sent
to first initialize the Master DAC, then to set the individual channel DAC levels.
Table I. Timing Description
Timing
Typical
Symbol
Description
Time (ns)
tCL
Input Clock Pulse Width
TBD
tDS
Data Setup Time
TBD
tDH
Data Hold Time
TBD
tCW
Negative CLK-LO Edge to End of Write
TBD
tLW
End of Load Pulse to Next Write
TBD
tWD
Start of Write to Data
TBD
tWL
End of Write to Start of Load
TBD
tL
Load Pulse Width
TBD
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
CLK
DATA
WRITE
LD
tWL
tL
tLW
tCW
tWD
tDH
tDS
tCL
0
0
1
1
0
1
1
0
CLK
DATA
WRITE
LD
OBSOLETE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com