Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9501 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 5 Page - Analog Devices

  AD9501 Datasheet HTML 1Page - Analog Devices AD9501 Datasheet HTML 2Page - Analog Devices AD9501 Datasheet HTML 3Page - Analog Devices AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. B
–5–
AD9501
THEORY OF OPERATION
The AD9501 is a digitally programmable delay device. Its func-
tion is to provide a precise incremental delay between input and
output, proportional to an 8-bit digital word applied to its delay
control port. Incremental delay resolution is 10 ps at the mini-
mum full-scale range of 2.5 ns. Digital delay data inputs, latch,
trigger, and reset are all TTL/CMOS-compatible. Output is
TTL-compatible.
Refer to the AD9501 Functional Block Diagram.
Inside the unit, there are three main subcircuits: a linear ramp
generator, an 8-bit digital-to-analog converter (DAC), and a
voltage comparator. The rising edge of the input (TRIGGER)
pulse initiates the delay cycle by triggering the ramp generator.
The voltage comparator monitors the ramp voltage and switches
the delayed output (Pin 10) HIGH when the ramp voltage crosses
the threshold set by the DAC output voltage. The DAC thresh-
old voltage is programmed by the user with digital inputs.
Figure 2 illustrates in detail how the delay is determined.
Minimum delay (tPD) is the sum of trigger circuit delay, ramp
generator delay, and comparator delay.
The trigger circuit delay and comparator delay are fixed;
ramp generator delay is a variable affected by the rate of
change of the linear ramp and (to a lesser degree) the value of
the offset voltage described below.
Maximum delay is the sum of minimum delay (tPD) and full-scale
program delay (tDFS).
Ramp generator delay is the time required for the ramp to slew
from its reset voltage to the most positive DAC reference volt-
age (00H). The difference in these two voltages is nominally
18 mV (with OFFSET ADJUST open) or 34 mV (OFFSET
ADJUST grounded).
RAMP
GENERATOR
TRIGGER
GENERATOR
TRIGGER
DELAYED OUTPUT
RESET
DAC REFERENCE
(00H)
(XXH)
PROGRAMMED
DAC THRESHOLD
DAC REFERENCE
(FFH)
TRIGGER
CIRCUIT
DELAY
RAMP
GEN.
DELAY
PROGRAMMED
DELAY
(tD)
FULL-SCALE
DELAY
RANGE
RAMP GEN.
DELAY
PROGRAMMED
DELAY
(tD)
FULL–SCALE DELAY RANGE
(tD)
LINEAR RAMP
SETTLING TIME
(tLRS)
COMPARATOR
DELAY
RESET PROP
DELAY (tRD)
TRIGGER
INPUT
COMPARATOR
DAC
DIGITAL VALUE
256
MINIMUM PROPAGATION DELAY = (
tPD) = TRIGGER CIRCUIT DELAY + RAMP GENERATOR DELAY + COMPARATOR DELAY
MAXIMUM PROPAGATION DELAY = MINIMUM PROPAGATION DELAY (
tPD) + FULL–SCALE RANGE (tDFS)
PROGRAMMED DELAY (
tD) =
TOTAL DELAY = (
tPD) + (tD)
AD9501 TESTED WITH CEXT = 0 pF; RSET = 3.09 k
(100 ns PROGRAMMED DELAY)
Figure 2. Internal Timing
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com