Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS44P15 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS44P15
Description  P-Channel 20-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS44P15 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS44P15 Datasheet HTML 1Page - Bruckewell Technology LTD MS44P15 Datasheet HTML 2Page - Bruckewell Technology LTD MS44P15 Datasheet HTML 3Page - Bruckewell Technology LTD MS44P15 Datasheet HTML 4Page - Bruckewell Technology LTD MS44P15 Datasheet HTML 5Page - Bruckewell Technology LTD MS44P15 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MS44P15
P-Channel 20-V (D-S) MOSFET
Publication Order Number: [MS44P15]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Source Voltage
±12
V
ID
Continuous Drain Current @ TC=25°C
-13.5
A
IDM
Pulsed Drain Current
±50
A
IS
Continuous Source Current (Diode Conduction)
-2.1
A
TJ/TSTG
Operating Junction and Storage Temperature
-55 to +150
°C
PW
Power Dissipation@ TC=25°C
3.1
W
NOTE:
1. Repetitive rating; pulse width limited by maximum junction temperature.
Thermal characteristics (Tc=25°C unless otherwise noted)
Symbol
Parameter
Maximum
Units
RθJA
Maximum Junction-to-Ambient
50
°C/W
RθJC
Maximum Junction-to-Case
25
Static Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
VGS
VDS = VGS, ID= -250μA
-0.7
V
IGSS
VDS= 0 V , VGS= ±12 V
±100
nA
IDSS
VDS= -16 V , VGS= 0 V
VDS= -16 V , VGS= 0 V , TJ= 55°C
-1
-5
uA
ID(on)
VDS = -4.5 V, VGS= 10 V
-50
A
RDS(on)
VDS = -4.5 V, ID= -13.5 A
VDS = -2.5 V, ID= -12 A
8.4
10.2
m
Ω
gfs
VGS = -15 V, ID= 11.5 A
70
S
VSD
IS = 2.5 A, VGS= 0 V
-0.6
V
Dynamic Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
Qg
VDS= -10 V , ID= -4.5 A,
VGS= -13.5 V
--
66
--
nC
Qgs
--
13
--
nC
Qgd
--
17
--
nC
td(on)
VDD= -10 V , ID= -1 A,
VGEN= -4.5 V , RL= 6 Ω
--
20
--
ns
tr
--
23
--
ns
td(off)
--
289
--
ns
tf
--
134
--
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com