Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72021 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT72021
Description  CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72021 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT72021 Datasheet HTML 6Page - Integrated Device Technology IDT72021 Datasheet HTML 7Page - Integrated Device Technology IDT72021 Datasheet HTML 8Page - Integrated Device Technology IDT72021 Datasheet HTML 9Page - Integrated Device Technology IDT72021 Datasheet HTML 10Page - Integrated Device Technology IDT72021 Datasheet HTML 11Page - Integrated Device Technology IDT72021 Datasheet HTML 12Page - Integrated Device Technology IDT72021 Datasheet HTML 13Page - Integrated Device Technology IDT72021 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
5.09
13
MILITARY AND COMMERCIAL TEMPERATURE RANGES
IDT72021, IDT72031, IDT72041
CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
Figure 16. Compound FIFO Expansion
NOTE:
1. Assume
OE is asserted LOW.
IDT72021/
031/041
DEPTH
EXPANSION
BLOCK
IDT72021/
031/041
DEPTH
EXPANSION
BLOCK
IDT72021/
031/041
DEPTH
EXPANSION
BLOCK
R, W, RS
•••
•••
•••
2677 drw 19
Q 0 –Q N
D 0 –D N
NOTES:
1. For depth expansion block see section od Depth Expansion and Figure 15.
2. For Flag detection see section on Width Expansion and Figure 14.
Figure 18. Read Data Flow-Through Mode
2677 drw 21
DATA OUT VALID
t RPE
t REF
t WEF
t WLZ
t A
EF
R
W
DATA IN
DATA OUT
(1)
Figure 17. Bidirectional FIFO Mode
IDT
7201A
R B
EFB
HFB
WA
FFA
WB
FFB
SYSTEM A
SYSTEM B
QB 0-8
DB 0-8
QA 0-8
2677 drw 20
R A
HFA
EFA
IDT
72021/
031/041
DA 0-8
AEF
IDT
72021/
031/041
AEF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com