Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSF6N65 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MSF6N65
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF6N65 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MSF6N65 Datasheet HTML 1Page - Bruckewell Technology LTD MSF6N65 Datasheet HTML 2Page - Bruckewell Technology LTD MSF6N65 Datasheet HTML 3Page - Bruckewell Technology LTD MSF6N65 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSF6N65
N-Channel Enhancement Mode Power MOSFET
Publication Order Number: [MSF6N65]
© Bruckewell Technology Corporation Rev. A -2014
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
TL
Maximum lead temperature for soldering purposes,
1/8'' from case for 5 seconds
300
°C
TPKG
Maximum Temperature for Soldering @ Package Body for 10
seconds
260
°C
PD
Total Power Dissipation (TC = 25 °C)
Derating Factor above 25 °C
54
W
0.3
W/°C
TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TJ
Storage Temperature
150
°C
Notes;
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. IAS=7A, VDD=50V, L=7mH, VG=10V, Starting TJ=25℃
3. ISD≦7A, di/dt≦200A/μs,VDD≦BVDSS, Starting TJ=25℃
Thermal Characteristics
Symbol
Parameter
Max.
Units
RθJC
Thermal Resistance, Junction-to-Case
2.3
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
Static Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0 V , ID = 250μA
600
--
--
V
△BV
DSS
/
△T
J
Breakdown Voltage
Temperature Coefficient
ID = 250μA, Referenced to 25°C
--
0.65
--
V/°C
VGS(th)
Gate Threshold Voltage
VDS = VGS , ID = 250μA
2.0
--
4.0
V
IDSS
Zero Gate Voltage Drain
Current
VDS = 650 V , VGS = 0 V
VDS = 540 V , TC = 125°C
--
--
1
10
μA
IGSS
Gate-Body Leakage
Forward
VGS = ±30
--
--
±100
nA
RDS(ON)
Static Drain-Source
On-Resistance
VGS = 10 V , ID = 3.0 A
--
1.23
1.5
Ω
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
Qg
Total Gate Charge
VDS = 520 V,ID = 6 A,
VGS = 10 V
--
19
--
nC
Qgs
Gate-Source Charge
--
5.1
--
nC
Qgd
Gate-Drain Charge
--
6.9
--
nC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com