Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT151TP Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT151TP
Description  FAST CMOS 8-INPUT MULTIPLEXER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT151TP Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT151TP Datasheet HTML 1Page - Integrated Device Technology IDT74FCT151TP Datasheet HTML 2Page - Integrated Device Technology IDT74FCT151TP Datasheet HTML 3Page - Integrated Device Technology IDT74FCT151TP Datasheet HTML 4Page - Integrated Device Technology IDT74FCT151TP Datasheet HTML 5Page - Integrated Device Technology IDT74FCT151TP Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6.5
2
IDT54/74FCT151T/AT/CT
FAST CMOS 8-INPUT MULTIPLEXER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
ABSOLUTE MAXIMUM RATINGS
(1)
PIN DESCRIPTION
2635 tbl 03
FUNCTION TABLE
(1)
NOTE:
2635 tbl 04
1. H = HIGH Voltage Level, L = LOW Voltage Level, X = Don’t care, Z =
High Impedance.
2635 drw 02
I4
I2
I1
I0
Z
Z
E
GND
I5
I6
I7
S0
S2
S1
VCC
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
DIP/SOIC/CERPACK
TOP VIEW
P16-1
D16-1
SO16-1
&
E16-1
I3
INDEX
I1
I0
NC
Z
I5
I6
NC
I7
S0
LCC
TOP VIEW
3
2
20 19
1
4
5
6
7
8
18
17
16
15
14
9 101112 13
L20-2
z
2635 drw 03
Pin Names
Description
I0 - I7
Data Inputs
S0 - S2
Selects Inputs
E
Enable Input (Active LOW)
Z
Data Output
Z
Inverted Data Output
Inputs
Outputs
S2
S1
S0
E
Z
Z
X
L
L
L
L
H
H
H
H
X
L
L
H
H
L
L
H
H
X
L
H
L
H
L
H
L
H
H
L
L
L
L
L
L
L
L
L
I0
I1
I2
I3
I4
I5
I6
I7
H
I0
I1
I2
I3
I4
I5
I6
I7
Symbol
Description
Max.
Unit
VTERM(2) Terminal Voltage with Respect to
GND
–0.5 to +7.0
V
VTERM(3) Terminal Voltage with Respect to
GND
–0.5 to
VCC +0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +120
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability. No terminal voltage may exceed
VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
2635 lnk 01
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max. Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
NOTE:
1. This parameter is measured at characterization but not tested.
2635 lnk 02



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com