Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD34 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # SD34
Description  Surface Mount High Current Density Schottky Rectifiers 3.0 Amp 40V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SD34 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  SD34 Datasheet HTML 1Page - Bruckewell Technology LTD SD34 Datasheet HTML 2Page - Bruckewell Technology LTD SD34 Datasheet HTML 3Page - Bruckewell Technology LTD SD34 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SD34
Surface Mount High Current Density
Schottky Rectifiers 3.0 Amp 40V
Publication Order Number: [SD34]
© Bruckewell Technology Corporation Rev. A -2014
■RATINGS AND CHARACTERISTIC CURVES
FIG. 1- FORWARD CURRENT DERATING
CURVE
FIG. 2- MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
FIG. 3- TYPICAL FORWARD
CHARACTERISTICS
FIG. 4- TYPICAL REVERSE
CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com