Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT161ATSO Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT161ATSO
Description  FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT161ATSO Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT161ATSO Datasheet HTML 1Page - Integrated Device Technology IDT74FCT161ATSO Datasheet HTML 2Page - Integrated Device Technology IDT74FCT161ATSO Datasheet HTML 3Page - Integrated Device Technology IDT74FCT161ATSO Datasheet HTML 4Page - Integrated Device Technology IDT74FCT161ATSO Datasheet HTML 5Page - Integrated Device Technology IDT74FCT161ATSO Datasheet HTML 6Page - Integrated Device Technology IDT74FCT161ATSO Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IDT54/74FCT161T/AT/CT, IDT54/74FCT163T/AT/CT
FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.7
2
PIN CONFIGURATIONS
IDT54/74FCT861 10-BIT TRANSCEIVERS
PIN DESCRIPTION
Pin Names
Description
CEP
Count Enable Parallel Input
CET
Count Enable Trickle Input
CP
Clock Pulse Input (Active Rising Edge)
MR (‘161)
Asynchronous Master Reset Input (Active LOW)
SR (‘163)
Synchronous Reset Input (Active LOW)
P0-3
Parallel Data Inputs
PE
Parallel Enable Input (Active LOW)
Q0-3
Flip-Flop Outputs
TC
Terminal Count Output
FUNCTION TABLE
(2)
Action on the Rising
SR
SR
(1)
PE
PE
CET
CEP
Clock Edge(s)
L
X
X
X
Reset (Clear)
H
L
X
X
Load (Pn
→Qn)
H
H
H
H
Count (Increment)
H
H
L
X
No Change (Hold)
H
H
X
L
No Change (Hold)
2611 tbl 01
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to
VCC +0.5
–0.5 to
VCC +0.5
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
–60 to +120
–60 to +120
mA
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max. Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
NOTE:
1. This parameter is measured at characterization but not tested.
NOTES:
2611 tbl 02
1. 163 only.
2. H = HIGH Voltage Level, L = LOW Voltage Level, X = Don’t Care.
2611 lnk 04
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other condi-
tions above those indicated in the operational sections of this specifica-
tion is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability. No terminal voltage may exceed
VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
2611 lnk 03
GND
CEP
5
6
7
8
1
2
3
4
16
15
14
13
12
11
10
9
Vcc
P16-1,
D16-1,
S016-1,
S016-7
&
E16-1
P0
*R
P1
P2
P3
CP
TC
Q0
Q1
Q2
Q3
CET
PE
2611 drw 02
2611 drw 03
4
5
6
7
8
L20-2
18
17
16
15
14
INDEX
NC
NC
P0
P1
P2
P3
Q0
Q1
Q2
Q3
9 10 11 12 13
32
1
20 19
LCC
TOP VIEW
DIP/SOIC/QSOP/CERPACK
TOP VIEW
*
MR for '161
*
SR for ‘163



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com