Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT151CTEB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FCT151CTEB
Description  FAST CMOS 8-INPUT MULTIPLEXER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT151CTEB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FCT151CTEB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT151CTEB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT151CTEB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT151CTEB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT151CTEB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT151CTEB Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IDT54/74FCT151T/AT/CT
FAST CMOS 8-INPUT MULTIPLEXER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.5
3
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = –40
°C to +85°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
—
—
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
—
—
0.8
V
II H
Input HIGH Current(4)
VCC = Max.
VI = 2.7V
—
—
±1
µA
II L
Input LOW Current(4)
VCC = Max.
VI = 0.5V
—
—
±1
µA
IOZH
High Impedance Output Current(4)
VCC = Max.
VO = 2.7V
—
—
±1
µA
IOZL
VO = 0.5V
—
—
±1
II
Input HIGH Current(4)
VCC = Max., VI = VCC (Max.)
—
—
20
µA
VIK
Clamp Diode Voltage
VCC = Min., IN = –18mA
—
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.(3), VO = GND
–60
–120
–225
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –6mA MIL.
2.4
3.3
—
V
VIN = VIH or VIL
IOH = –8mA COM'L.
IOH = –12mA MIL.
2.0
3.0
—
V
IOH = –15mA COM'L.
VOL
Output LOW Voltage
VCC = Min.
IOL = 32mA MIL.
—
0.3
0.5
V
VIN = VIH or VIL
IOL = 48mA COM'L.
VH
Input Hysteresis
—
—
200
—
mV
ICC
Quiescent Power Supply Current
VCC = Max.
VIN = GND or VCC
—
0.01
1
mA
NOTES:
2635 tbl 05
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. The test limit for this parameter is
±5µA at TA = -55°C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com