Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC205 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC205
Description  5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AC205 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC205 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC205 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Altima AC205 is a highly integrated 0.25u CMOS silicon
solution. It combines all the functions of a 10/100 dual-speed
bridged repeater, including PHY transceivers, an MII or 7-wire
hard-wire configurable interface, two internal repeaters, and a
two-port bridge with 32 KB embedded memory.
The AC205 contains five 10BASE-T/100BASE-TX Fast
Ethernet transceivers, one of which can be configured into a full-
duplex uplink port. The transceivers perform all of the physical
layer interface functions for 10BASE-T Ethernet on Category 3,
4, or 5 unshielded twisted pair (UTP) cable and 100BASE-TX
Fast Ethernet on Category 5 UTP cable.
The MII and 7-wire compatible MAC interface allows the
AC205 to be designed into many different applications, reducing
the number of separate devices necessary to meet multiple design
requirements.
The AC205 represents a marked improvement over the previous
generation of the dual-speed bridged repeater family AC108R.
Because the memory is embedded in the silicon, the AC205
offers the obvious advantage of cost savings in the discrete
memory device. Additionally, a 100-pin PQFP package means
savings in manufacturing and testing.
Because the AC205 has the smallest footprint and the lowest
power consumption, on a per-port basis, of any micro-LAN
solution, when all system costs are considered — power, heat,
components and real estate — the AC205 provides the lowest
overall system cost and most reliable design.
The AC205 is a member of the AC208 Product Family. The
AC208 Product Family includes the AC208, AC207, AC206,
AC205 and AC205-I with the following features and
configurations:
• AC208: 128-pin PQFP, eight-port TX with cascadable
backplane
• AC207: 128-pin PQFP, eight-port TX with MII or 7-wire
• AC206: 128-pin PQFP, five-port TX with MII or reversed MII
or 7-wire, cascadable repeater backplane
• AC205: 100-pin PQFP, five-port TX with MII or 7-wire
• AC205i: 100-pin PQFP, five-port TX with MII or 7-wire and
single independent TX port for IP phone
AC205
OVER VIEW
. . .
. . .
MUX
R_100
R_10
Bridge
10M/1b
100M/5b
100M/5b
10M/1b
P
H
Y
7 Wire
MII
MII
RBP
M
U
X
MII/
7-Wire
32 KB
RAM
MII
P
H
Y
P
H
Y
P
H
Y
P
H
Y
(TX4)
(TX3)
(TX2)
(TX1)
(TX0)
© 2002 by ALTIMA COMMUNICATIONS, INC.
A Broadcom Company. All rights reserved.
AC205-PB03-R-11.01.02
ALTIMA COMMUNICATIONS, INC.
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
ALTIMA COMMUNICATIONS, INC. CONFIDENTIAL
AC205 Block Diagram
• Integrated PHY, Repeater and Bridge
• Integrated Packet Buffer Memory
• Integrated 1K MAC
• Programmable LEDs via EEPROM
• MII or Reversed MII or 7-wire Interface



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com