Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # BC817
Description  NPN Silicon AF Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BC817 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BC817 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Features
For general AF applications.
High collector current.
High current gain.
Low collector-emitter saturation voltage.
www.kexin.com.cn
NPN Silicon AF Transistors
KC817(BC817)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
45
V
Emitter-base voltage
VEBO
5V
Collector current (DC)
IC
800
mA
power dissipation
PD
310
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-65to+150
Marking
NO.
BC817-16
BC817-25
BC817-40
hFE
100
250
160
400
250
630
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
VCBO
IC =10
A,VBE =0
50
V
VCEO
IC =10mA, IB =0
45
V
VEBO
IE =10
A, IC =0
5V
Collector cutoff current
ICES
VCB =25V,VBE= 0
100
nA
IEBO
VEB =4V, IC = 0
100
nA
IC = 100 mA, VCE = 1 V
100
630
IC = 300 mA, VCE =1V
60
VCE(sat) IC = 500 mA, IB =50mA
0.7
V
VBE(on)
VCE=1V,IC=300mA
1.2
V
Output Capacitance
Cob
VCB=10V,f=1MHz
12
pF
fT
IC =10mA, VCE = 5 V, f = 50 MHz
100
MHz
* Pulsed: PW
350 ìs, duty cycle
2%
Base emitter on voltage
Transition frequency
Collector saturation voltage *
Parameter
Emitter cutoff current
Emitter-to-base breakdown voltage
hFE
Collector-to-base breakdown voltage
Collector-to-emitter breakdown voltage
DC current gain *
Marking
6A
6B
6C
TIGER ELECTRONIC CO.,LTD


Similar Part No. - BC817

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817 PHILIPS-BC817 Datasheet
47Kb / 8P
NPN general purpose transistor
1999 Jun 01
logo
Transys Electronics
BC817 TRSYS-BC817 Datasheet
49Kb / 2P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Zetex Semiconductors
BC817 ZETEX-BC817 Datasheet
37Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
NPN Silicon AF Transistors
logo
Fairchild Semiconductor
BC817 FAIRCHILD-BC817 Datasheet
31Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC817

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
NPN Silicon AF Transistors
Nov-20-2002
BC846W INFINEON-BC846W Datasheet
229Kb / 8P
NPN Silicon AF Transistors
Dec-11-2001
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
NPN Silicon AF Transistors
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
NPN Silicon AF Transistors
2008-10-10
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
NPN Silicon AF Transistors
2011-10-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com