Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FST163209 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FST163209
Description  9-BIT BUS EXCHANGE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST163209 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FST163209 Datasheet HTML 1Page - Integrated Device Technology IDT74FST163209 Datasheet HTML 2Page - Integrated Device Technology IDT74FST163209 Datasheet HTML 3Page - Integrated Device Technology IDT74FST163209 Datasheet HTML 4Page - Integrated Device Technology IDT74FST163209 Datasheet HTML 5Page - Integrated Device Technology IDT74FST163209 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IDT74FST163209
9-BIT BUS EXCHANGE SWITCH
COMMERCIAL TEMPERATURE RANGE
3
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = –40
°C to +85°C, VCC = 5.0V ±10%
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. Measured by voltage drop between ports at indicated current through the switch.
3510 tbl 05
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Voltage
Guaranteed Logic HIGH for Control Inputs
2.0
—
—
V
VIL
Input LOW Voltage
Guaranteed Logic LOW for Control Inputs
—
—
0.8
V
II H
Input HIGH Current
VCC = Max.
VI = VCC
——
±1
µA
II L
Input LOW Voltage
VI = GND
—
—
±1
IOZH
High Impedance Output Current
VCC = Max.
VO = VCC
——
±1
µA
IOZL
(3-State Output pins)
VO = GND
—
—
±1
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
—
300
—
mA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
—
–0.7
–1.2
V
RON
Switch On Resistance(4)
VCC = Min. VIN = 0.0V
—
4
7
Ω
ION = 64mA
VCC = Min. VIN = 0.0V
—
4
7
Ω
ION = 30mA
VCC = Min. VIN = 2.4V
—
6
15
Ω
ION = 15mA
IOFF
Input/Output Power Off Leakage
VCC = 0V, VIN or VO
≤ 4.5V
—
—
±1
µA
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
—
0.1
3
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com