Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FST3125 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FST3125
Description  4-BIT BUS SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST3125 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FST3125 Datasheet HTML 1Page - Integrated Device Technology IDT74FST3125 Datasheet HTML 2Page - Integrated Device Technology IDT74FST3125 Datasheet HTML 3Page - Integrated Device Technology IDT74FST3125 Datasheet HTML 4Page - Integrated Device Technology IDT74FST3125 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
IDT74FST3125
4-BIT BUS SWITCH
COMMERCIAL TEMPERATURE RANGE
FUNCTION TABLE
OE
OE
Y
Description
H
Hi-Z
Disconnect
L
A
Connect
3471 tbl 03
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = –40
°C to +85°C, VCC = 5.0V ±5%
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Description
Max.
Unit
VTERM(2) Terminal Voltage with Respect
to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Maximum Continuous Channel
Current
128
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating condiitions for extended
periods may affect reliability.
2. VCC, Control and Switch terminals.
3471 tbl 02
Symbol
Parameter
Conditions(2) Typ. Unit
CIN
Control Input Capacitance
4
pF
CI/O
Switch Input/Output
Capacitance
Switch Off
pF
3471 tbl 04
CAPACITANCE
(1)
NOTES:
1. Capacitance is characterized but not tested
2. TA = 25
°C, f = 1MHz, VIN = 0V, VOUT = 0V
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Voltage
Guaranteed Logic HIGH for Control Inputs
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW for Control Inputs
0.8
V
II H
Input HIGH Current
VCC = Max.
VI = VCC
——
±1
µA
II L
Input LOW Voltage
VI = GND
±1
IOZH
High Impedance Output Current
VCC = Max.
VO = VCC
——
±1
µA
IOZL
(3-State Output pins)
VO = GND
±1
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
300
mA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
RON
Switch On Resistance(4)
VCC = Min. VIN = 0.0V
5
7
ION = 30mA
VCC = Min. VIN = 2.4V
10
15
ION = 15mA
IOFF
Input/Output Power Off Leakage
VCC = 0V, VIN or VO
≤ 4.5V
±1
µA
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
0.1
3
µA
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. Measured by voltage drop between ports at indicated current through the switch.
3471 tbl 05



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com