Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6258EX Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6258EX
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX Datasheet(HTML) 5 Page - STMicroelectronics

  L6258EX Datasheet HTML 1Page - STMicroelectronics L6258EX Datasheet HTML 2Page - STMicroelectronics L6258EX Datasheet HTML 3Page - STMicroelectronics L6258EX Datasheet HTML 4Page - STMicroelectronics L6258EX Datasheet HTML 5Page - STMicroelectronics L6258EX Datasheet HTML 6Page - STMicroelectronics L6258EX Datasheet HTML 7Page - STMicroelectronics L6258EX Datasheet HTML 8Page - STMicroelectronics L6258EX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
L6258EX
Block diagram
5/32
1
Block diagram
Figure 1.
Block diagram
DAC
CHARGE
PUMP
VR (VDD/2)
VCP1
PH_1
I0_1
I1_1
I2_1
VREF1
TRIANGLE
GENERATOR
TRI_CAP
ERROR
AMP
+
-
VR
+
-
+
-
C
C
POWER
BRIDGE
1
TRI_0
TRI_180
TRI_180
TRI_0
DAC
PH_2
I0_2
I1_2
I2_2
VREF1
ERROR
AMP
+
-
VR
+
-
+
-
C
C
POWER
BRIDGE
2
TRI_0
TRI_180
THERMAL
PROT.
OUT1A
OUT1B
Rs
SENSE1A
VBOOT
DISABLE
VS
OUT2A
OUT2B
SENSE2A
Rs
VS
EA_IN2
EA_OUT2
GND
EA_IN1
EA_OUT1
VCP2
VDD(5V)
D96IN430D
VR GEN
INPUT
&
SENSE
AMP
CP
CFREF
CBOOT
INPUT
&
SENSE
AMP
I3_1
I3_2
SENSE1B
SENSE2B
RC1
R1 1M
R2 1M
RC2
CC2
CC1
Table 2.
Absolute maximum rating
Parameter
Description
Value
Unit
Vs
Supply voltage
45
V
VDD
Logic supply voltage
7
V
Vref1/Vref2
Reference voltage
2.5
V
IO
Output current (peak)(1)
1.
This current is intended as not repetitive current for max. 1 second.
2A
IO
Output current (continuous)
1.5
A
Vin
Logic input voltage range
-0.3 to 7
V
Vboot
Bootstrap supply
60
V
Vboot - Vs
Maximum Vgate applicable
15
V
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com