Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT623CTPB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT623CTPB
Description  FAST CMOS OCTAL BUS TRANSCEIVERS (3-STATE)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT623CTPB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT623CTPB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT623CTPB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT623CTPB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT623CTPB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT623CTPB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT623CTPB Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MILITARY AND COMMERCIAL TEMPERATURE RANGES
IDT54/74FCT623T/AT/CT
FAST CMOS OCTAL BUS TRANSCEIVERS (3-STATE)
6.19
2
PIN CONFIGURATIONS
2563 drw 02
2563 drw 03
DEFINITION OF FUNCTIONAL TERMS
2563 tbl 01
ABSOLUTE MAXIMUM RATINGS
(1)
FUNCTION TABLE
(1)
GAB
A1
A2
A3
A4
A5
A6
A7
A8
GND
GBA
B1
B2
B3
B4
B6
B5
B7
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DIP/SOIC/CERPACK
TOP VIEW
P20-1
D20-1
SO20-2
&
E20-1
INDEX
A3
A4
A5
A6
A7
B1
B2
B3
B4
B5
LCC
TOP VIEW
3
2
20 19
1
4
5
6
7
8
18
17
16
15
14
9 10 111213
L20-2
B8
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to
VCC +0.5
–0.5 to
VCC +0.5
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
–60 to +120
–60 to +120
mA
NOTES:
2563 tbl 02
1. H = HIGH Voltage Level
2. L = LOW Volage Level
3. Z = High-Impedance (OFF) state
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max. Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
2563 lnk 03
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability. No terminal voltage may exceed
VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
2563 lnk 04
NOTE:
1. This parameter is measured at characterization but not tested.
Pin Names
Description
GBA, GAB
Enable Inputs
A1 - A8
A Bus Inputs or 3-State Outputs
B1 - B8
B Bus Inputs or 3-State Outputs
Enable Inputs
G
GBA
GAB
Outputs
L
L
B data to A bus
H
H
A data to B bus
HL
Z
L
H
B data to A bus
A data to B bus



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com