Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7MP4045 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7MP4045
Description  256K x 32 CMOS STATIC RAM MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7MP4045 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7MP4045 Datasheet HTML 1Page - Integrated Device Technology IDT7MP4045 Datasheet HTML 2Page - Integrated Device Technology IDT7MP4045 Datasheet HTML 3Page - Integrated Device Technology IDT7MP4045 Datasheet HTML 4Page - Integrated Device Technology IDT7MP4045 Datasheet HTML 5Page - Integrated Device Technology IDT7MP4045 Datasheet HTML 6Page - Integrated Device Technology IDT7MP4045 Datasheet HTML 7Page - Integrated Device Technology IDT7MP4045 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2703 drw 01
PD0
31
29
9
11
13
15
17
19
21
23
25
1
3
5
7
27
33
63
61
41
43
45
47
49
51
53
55
57
35
37
39
59
PD1
– GND
– GND
32
30
28
8
10
12
14
16
18
20
22
24
2
4
6
26
34
64
62
42
44
46
48
50
52
54
56
58
36
38
40
60
GND
CS3
A16
I/O16
I/O17
I/O18
I/O19
A10
A11
A12
A13
I/O20
I/O21
I/O22
I/O23
GND
I/O0
I/O1
I/O2
I/O3
VCC
A7
A8
A9
I/O4
I/O5
I/O6
WE
I/O7
CS1
PD0
A14
CS4
A17
OE
I/O24
I/O25
I/O26
I/O27
A3
A4
A5
VCC
A6
I/O28
I/O29
I/O30
I/O31
PD1
GND
I/O8
I/O9
I/O10
I/O11
A0
A1
A2
I/O12
I/O13
I/O14
I/O15
GND
CS2
A15
FEATURES:
• High density 1 megabyte static RAM module
(IDT7MP4145 upgradeable to 4 megabyte, IDT7MP4120)
• Low profile 64 pin ZIP (Zig-zag In-line vertical Package)
or 64 pin SIMM (Single In-line Memory Module) for
IDT7MP4045 and 72 pin SIMM (Single In-line Memory
Module) for IDT7MP4145
• Very fast access time: 15ns (max.)
• Surface mounted plastic components on an epoxy
laminate (FR-4) substrate
• Single 5V (
±10%) power supply
• Multiple GND pins and decoupling capacitors for maxi-
mum noise immunity
• Inputs/outputs directly TTL-compatible
PIN NAMES
I/O0–31
Data Inputs/Outputs
A0–17
Addresses
CS1–4
Chip Selects
WE
Write Enable
OE
Output Enable
PD0–1
Depth Identification
VCC
Power
GND
Ground
NC
No Connect
2703 tbl 01
Integrated Device Technology, Inc.
COMMERCIAL TEMPERATURE RANGE
SEPTEMBER 1996
©1996 Integrated Device Technology, Inc.
DSC-2703/7
1
The IDT logo is a registered trademark of Integrated Device Technology Inc.
NOTE:
1. Pins 2 and 3 (PD0 and PD1) are read by the user to determine the density
of the module. If PD0 reads GND and PD1 reads GND, then the module
has a 256K depth.
DESCRIPTION:
The IDT7MP4045/4145 is a 256K x 32 static RAM module
constructed on an epoxy laminate (FR-4) substrate using 8
256K x 4 static RAMs in plastic SOJ packages. Availability of
four chip select lines (one for each group of two RAMs)
provides byte access. The IDT7MP4045 is available with
access time as fast as 10ns with minimal power consumption.
The IDT7MP4045 is packaged in a 64 pin FR-4 ZIP (Zig-
zag In-line vertical Package)or a 64 pin SIMM (Single In-line
Memory Module) where as the 7MP4145 is packaged in a 72
pin SIMM (Single In-line Memory Module). The 4045 ZIP
configuration allows 64 pins to be placed on a package 3.65
inches long and 0.365 inches wide. The 7MP4045 ZIP is only
0.585 inches high, this low profile package is ideal for systems
with minimum board spacing while the SIMM configuration
allows use of edge mounted sockets to secure the module.
All inputs and outputs of the IDT7MP4045/4145 are TTL-
compatible and operate from a single 5V supply. Full asyn-
chronous circuitry requires no clocks or refresh for operation
and provides equal access and cycle times for ease of use.
Identification pins are provided for applications in which
different density versions of the module are used. In this way,
the target system can read the respective levels of PD pins to
determine a 256K depth.
The contact pins are plated with 100 micro-inches of nickel
covered by 30 micro-inches minimum of selective gold.
PIN CONFIGURATION – 7MP4045(1)
ZIP, SIMM
TOP VIEW
FUNCTIONAL BLOCK DIAGRAM
OE
WE
2703 drw 02
8
18
256K x 32
RAM
8
8
8
2
CS1 CS2 CS3 CS4
ADDRESS
I/O0-31
PD
IDT7MP4045
IDT7MP4145
256K x 32
CMOS STATIC RAM MODULE
15.2


Similar Part No. - IDT7MP4045

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7MP4060 IDT-IDT7MP4060 Datasheet
96Kb / 8P
128K x 32 CMOS STATIC RAM MODULES
IDT7MP4060S15M IDT-IDT7MP4060S15M Datasheet
96Kb / 8P
128K x 32 CMOS STATIC RAM MODULES
IDT7MP4060S15Z IDT-IDT7MP4060S15Z Datasheet
96Kb / 8P
128K x 32 CMOS STATIC RAM MODULES
IDT7MP4060S20M IDT-IDT7MP4060S20M Datasheet
96Kb / 8P
128K x 32 CMOS STATIC RAM MODULES
IDT7MP4060S20Z IDT-IDT7MP4060S20Z Datasheet
96Kb / 8P
128K x 32 CMOS STATIC RAM MODULES
More results

Similar Description - IDT7MP4045

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1164096 MOSEL-V62C1164096 Datasheet
178Kb / 10P
256K x 16, CMOS STATIC RAM
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
256K x 16, CMOS STATIC RAM
logo
Motorola, Inc
MCM32257B MOTOROLA-MCM32257B Datasheet
158Kb / 8P
256K x 32 Bit Fast Static RAM Module
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
CMOS 256K (32K x 8) Static RAM
logo
Integrated Device Techn...
IDT7MP4120 IDT-IDT7MP4120 Datasheet
83Kb / 8P
1M x 32 CMOS STATIC RAM MODULE
logo
Cypress Semiconductor
CYM1441 CYPRESS-CYM1441 Datasheet
167Kb / 6P
256K x 8 Static RAM Module
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
256K x Static RAM
logo
Sharp Corporation
LH52B256 SHARP-LH52B256 Datasheet
469Kb / 11P
CMOS 256K (32K x 8) Static RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
CMOS 256K (32K X 8) STATIC RAM
logo
Sharp Corporation
LH51256L SHARP-LH51256L Datasheet
430Kb / 7P
CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com