Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07CP Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # OP07CP
Description  PRECISION OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

OP07CP Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  OP07CP Datasheet HTML 1Page - Tiger Electronic Co.,Ltd OP07CP Datasheet HTML 2Page - Tiger Electronic Co.,Ltd OP07CP Datasheet HTML 3Page - Tiger Electronic Co.,Ltd OP07CP Datasheet HTML 4Page - Tiger Electronic Co.,Ltd OP07CP Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Resistors
28
Transistors
39
Capacitors
4
OP07 CP / DP , CDR / DDR
schematic
OFFSET N1
1
OFFSET N2
8
3
IN +
2
IN –
7
VCC +
6
OUT
COMPONENT COUNT
4
VCC –
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC+ (see Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 V
Supply voltage, VCC– . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –22 V
Differential input voltage (see Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Input voltage, VI (either input, see Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±22 V
Duration of output short circuit (see Note 4)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . unlimited
Continuous total dissipation at (or below) 25
°C free-air temperature (see Note 5) . . . . . . . . . . . . . . . . 500 mW
Operating free-air temperature range, TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Storage temperature range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . – 65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C
NOTES:
1. All voltage values, unless otherwise noted, are with respect to the midpoint between VCC + and VCC – .
2.
Differential voltages are at IN+ with respect to IN –.
3.
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4.
The output may be shorted to ground or either power supply.
5.
For operation above 64
°C free-air temperature, derate the D package to 464 mW at 70°C at the rate of 5.8 mW/°C.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
±
±3
± 18
V
Common-mode input voltage, VIC
VCC
± = ± 15 V
– 13
13
V
Operating free-air temperature, TA
0
70
°C
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com