Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMBT2222 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMBT2222
Description  NPN Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMBT2222 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMBT2222 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT2222 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT2222 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT2222 Datasheet HTML 4Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBT2222(销售型號 MMBT2222) GMBT2222A(销售型號 MMBT2222A)
■
FEATURES
FEATURES
FEATURES
FEATURES 特點
NPN
Switching Transistor
■
MAX
MAX
MAX
MAXIMUM
IMUM
IMUM
IMUM RATINGS
RATINGS
RATINGS
RATINGS 最大額定值
Characteristic
特性參數
Symbol
符號
GMBT2222
GMBT2222A
Unit
單位
Collector-Emitter Voltage
集電極-發射極電壓
VCEO
30
40
Vdc
Collector-Base Voltage
集電極-基極電壓
VCBO
60
75
Vdc
Emitter-Base Voltage
發射極-基極電壓
VEBO
5.0
6.0
Vdc
Collector Current-Continuous
集電極電流-連續
Ic
600
600
mAdc
■
THERMAL
THERMAL
THERMAL
THERMAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 熱特性
Characteristic
特性參數
Symbol
符號
Max
最大值
Unit
單位
Total Device Dissipation 總耗散功率
FR-5 Board(1)
TA
=25℃溫度爲 25℃
Derate above25℃
超過 25℃遞減
PD
225
1.8
mW
mW/℃
Total Device Dissipation 總耗散功率
Alumina Substrate 氧化鋁襯底,(2)TA
=25℃
Derate above25℃ 超過 25℃遞減
PD
300
2.4
mW
mW/℃
Thermal Resistance Junction to Ambient 熱阻
R
ΘJA
417
℃/W
Solder Temperature/Solder Time 焊接溫度/焊接時間
T/t
260/10
℃/S
Junction & Storage Temperature 結溫和儲存溫度
TJ,Tstg
-55to+150℃
■
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING 打標
GM
GM
GM
GMBT
BT
BT
BT2222
2222
2222
2222(销售型號 MMBT2222)=1B;GM
=1B;GM
=1B;GM
=1B;GMBT
BT
BT
BT2222
2222
2222
2222A
A
A
A(销售型號 MMBT2222A)=1P
=1P
=1P
=1P


Similar Part No. - GMBT2222

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMBT2222A ETC2-GMBT2222A Datasheet
281Kb / 1P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GMBT2222A GTM-GMBT2222A Datasheet
281Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GMBT2222A ETL-GMBT2222A Datasheet
284Kb / 4P
N P N E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GMBT2222

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
NPN Switching Transistor
logo
Solid States Devices, I...
SFT6800S.5 SSDI-SFT6800S.5_1 Datasheet
94Kb / 2P
NPN switching Transistor
logo
Galaxy Semi-Conductor H...
MMBT2222AT BILIN-MMBT2222AT Datasheet
184Kb / 4P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT2222AT-SOT-523 LUGUANG-MMBT2222AT-SOT-523 Datasheet
1Mb / 4P
NPN SWITCHING TRANSISTOR
logo
TT Electronics.
2N2369A TTELEC-2N2369A Datasheet
233Kb / 3P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT3904 LUGUANG-MMBT3904 Datasheet
1Mb / 3P
NPN SWITCHING TRANSISTOR
logo
AiT Semiconductor Inc.
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com