Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA93 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # MMBTA93
Description  PNP High Voltage Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

MMBTA93 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  MMBTA93 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. MMBTA93 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. MMBTA93 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBTA92 (销售型號 MMBTA92) GMBTA93(销售型號 MMBTA93)
■
FEATURES
FEATURES
FEATURES
FEATURES 特點
PNP
High Voltage Transistor
■
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS 最大額定值
Characteristic 特性參數
Symbol 符號
GMBTA92
GMBTA93
Unit 單位
Collector-Emitter Voltage
集電極-射極電壓
VCEO
-300
-200
Vdc
Collector-Base Voltage
集電極-極電壓
VCBO
-300
-200
Vdc
Emitter-Base Voltage
發射極基極電壓
VEBO
-6.0
-6.0
Vdc
Collector Current-Continuous
集極電流-連續
Ic
-500
-500
mAdc
■
THERMAL
THERMAL
THERMAL
THERMAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 熱特性
Characteristic 特性參數
Symbol 符號
Max 最大值
Unit 單位
Total Device Dissipation 總耗散功率
FR-5 Board(1)
TA
=25℃溫度爲 25℃
Derate above25℃超過 25℃遞減
PD
225
1.8
mW
mW/℃
Total Device Dissipation 總耗散功率
Alumina Substrate 氧化鋁襯底,(2)
TA
=25℃溫度爲 25℃
Derate above25℃超過 25℃遞減
PD
300
2.4
mW
mW/℃
Thermal Resistance Junction to Ambient 熱阻
R
ΘJA
417
℃/W
Junction and Storage Temperature
結溫和儲存溫度
TJ,Tstg
150℃, -55to+150℃
■
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING 打標
GM
GM
GM
GMBT
BT
BT
BTA92
A92
A92
A92(销售型號 MMBTA92)=2D;GM
=2D;GM
=2D;GM
=2D;GMBT
BT
BT
BTA93
A93
A93
A93(销售型號 MMBTA93)=2E
=2E
=2E
=2E


Similar Part No. - MMBTA93

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBTA93 ZOWIE-MMBTA93 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Samsung semiconductor
MMBTA93 SAMSUNG-MMBTA93 Datasheet
30Kb / 1P
PNP (HIGH VOLTAGE TRANSISTOR)
logo
KEC(Korea Electronics)
MMBTA93 KEC-MMBTA93 Datasheet
230Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TELEPHONE)
logo
Diotec Semiconductor
MMBTA93 DIOTEC-MMBTA93 Datasheet
108Kb / 2P
Surface mount High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBTA93 KEXIN-MMBTA93 Datasheet
43Kb / 2P
High Voltage Transistors
More results

Similar Description - MMBTA93

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT45 PHILIPS-BFT45 Datasheet
52Kb / 8P
PNP high-voltage transistor
1997 Apr 18
PH5416 PHILIPS-PH5416 Datasheet
50Kb / 8P
PNP high-voltage transistor
1997 Apr 22
PMBTA92 PHILIPS-PMBTA92 Datasheet
41Kb / 6P
PNP high-voltage transistor
2004 Jan 22
logo
Unisonic Technologies
PZTA92 UTC-PZTA92 Datasheet
77Kb / 3P
HIGH VOLTAGE PNP TRANSISTOR
logo
NXP Semiconductors
PMBTA92 NXP-PMBTA92 Datasheet
106Kb / 6P
PNP high-voltage transistor
2004 Jan 22
logo
Solid States Devices, I...
SFT5094 SSDI-SFT5094_1 Datasheet
155Kb / 3P
High Voltage PNP Transistor
logo
Guilin Strong Micro-Ele...
GMBTA94 GSME-GMBTA94 Datasheet
333Kb / 2P
PNP High Voltage Transistor
logo
Nexperia B.V. All right...
BSS63-Q NEXPERIA-BSS63-Q Datasheet
180Kb / 7P
PNP high-voltage transistor
10 June 2022
BSS63 NEXPERIA-BSS63 Datasheet
286Kb / 7P
PNP high-voltage transistor
2004 Jan 16
PMSTA92 NEXPERIA-PMSTA92 Datasheet
186Kb / 8P
PNP high-voltage transistor
16 May 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com