Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9517ATP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9517ATP
Description  Level translating I2C-bus repeater
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9517ATP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9517ATP Datasheet HTML 3Page - NXP Semiconductors PCA9517ATP Datasheet HTML 4Page - NXP Semiconductors PCA9517ATP Datasheet HTML 5Page - NXP Semiconductors PCA9517ATP Datasheet HTML 6Page - NXP Semiconductors PCA9517ATP Datasheet HTML 7Page - NXP Semiconductors PCA9517ATP Datasheet HTML 8Page - NXP Semiconductors PCA9517ATP Datasheet HTML 9Page - NXP Semiconductors PCA9517ATP Datasheet HTML 10Page - NXP Semiconductors PCA9517ATP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PCA9517A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 9 May 2012
7 of 22
NXP Semiconductors
PCA9517A
Level translating I2C-bus repeater
Fig 6.
Typical star application
VCC(B)
VCC(A)
PCA9517A
SDAA
SDAB
SCLA
SCLB
EN
10 k
Ω
10 k
Ω
SDA
SCL
BUS
MASTER
SLAVE
400 kHz
SDA
SCL
VCC(B)
VCC(A)
10 k
Ω
10 k
Ω
VCC(B)
VCC(A)
PCA9517A
SDAA
SDAB
SCLA
SCLB
EN
10 k
Ω
10 k
Ω
SLAVE
400 kHz
SDA
SCL
002aad469
VCC(B)
VCC(A)
PCA9517A
SDAA
SDAB
SCLA
SCLB
EN
10 k
Ω
10 k
Ω
SLAVE
400 kHz
SDA
SCL
Fig 7.
Typical series application
002aad470
PCA9517A
SDAA
SDAB
SCLA
SCLB
EN
SDA
SCL
BUS
MASTER
SLAVE
400 kHz
SDA
SCL
10 k
Ω
10 k
Ω
PCA9517A
SDAA
SDAB
SCLA
SCLB
EN
VCC
PCA9517A
SDAA
SDAB
SCLA
SCLB
EN
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com