Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTH10 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # MMBTH10
Description  SOT-23
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

MMBTH10 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  MMBTH10_15 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. MMBTH10_15 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. MMBTH10_15 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
MMBTH10
■
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS 最大額定值
■
THERMAL
THERMAL
THERMAL
THERMAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 熱特性
■
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING 打標
Characteristic
特性參數
Symbol
符號
Rating
額定值
Unit
單位
Collector-Emitter Voltage
集電極發射極電壓
VCEO
25
Vdc
Collector-Base Voltage
集電極基極電壓
VCBO
30
Vdc
Emitter-Base Voltage
發射極基極電壓
VEBO
3.0
Vdc
Collector Current-Continuous
集電極電流-連續
Ic
50
mAdc
Characteristic
特性參數
Symbol
符號
Max
最大值
Unit 單位
Total Device Dissipation 總耗散功率
FR-5 Board(1)
TA=25℃環境溫度爲 25℃
Derate above25℃ 超過 25℃遞減
PD
225
1.8
mW
mW/℃
Thermal Resistance Junction to Ambient
熱阻
RΘ
JA
556
℃/W
Junction and Storage Temperature
結溫和儲存溫度
TJ,Tstg
-55to+150℃
MMBTH10=3EM
MMBTH10=3EM
MMBTH10=3EM
MMBTH10=3EM


Similar Part No. - MMBTH10_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBTH10 SECOS-MMBTH10_15 Datasheet
316Kb / 2P
NPN Epitaxial Planar Transistor
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10_15 Datasheet
557Kb / 3P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
Rev 12
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10_15 Datasheet
236Kb / 5P
RF TRANSISTOR
More results

Similar Description - MMBTH10_15

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM2222 GSME-GM2222 Datasheet
325Kb / 4P
SOT-23
GM2712 GSME-GM2712 Datasheet
280Kb / 3P
SOT-23
GM3356 GSME-GM3356 Datasheet
282Kb / 3P
SOT-23
GM3838 GSME-GM3838 Datasheet
294Kb / 3P
SOT-23
GM4403 GSME-GM4403 Datasheet
351Kb / 4P
SOT-23
GMA92 GSME-GMA92 Datasheet
302Kb / 3P
SOT-23
GMC2412K GSME-GMC2412K Datasheet
275Kb / 3P
SOT-23
MMBTH10 GSME-MMBTH10 Datasheet
294Kb / 3P
SOT-23
logo
Sangdest Microelectroni...
S23LC03 SMC-S23LC03 Datasheet
124Kb / 4P
SOT-23
logo
Guilin Strong Micro-Ele...
2SC3356 GSME-2SC3356 Datasheet
282Kb / 3P
SOT-23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com