Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP1812 Datasheet(PDF) 4 Page - IMP, Inc

Part # IMP1812
Description  Low Power 5V/3.0V P Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP1812 Datasheet(HTML) 4 Page - IMP, Inc

  IMP1812 Datasheet HTML 1Page - IMP, Inc IMP1812 Datasheet HTML 2Page - IMP, Inc IMP1812 Datasheet HTML 3Page - IMP, Inc IMP1812 Datasheet HTML 4Page - IMP, Inc IMP1812 Datasheet HTML 5Page - IMP, Inc IMP1812 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IMP1
IMP1 233M
233M
4
408-432-9100/www.impweb.com
2000 © IMP, Inc. !
Operation – Power Monitor
The IMP1233M detects out-of-tolerance power supply conditions.
It resets a processor during power-up and issues a reset to the
system processor when the monitored power supply voltage
is below the reset threshold (power-down). When an out-of-
tolerance VCC voltage is detected, the RESET signal is asserted. On
power-up, RESET is kept active (LOW) for approximately 350ms
after the power supply voltage has reached the selected tolerance.
This allows the power supply and microprocessor to stabilize
before RESET is released.
Figure 1. Timing Diagram: Power-Up
Figure 2. Timing Diagram: Power-Down
VHTL
VCCTP
VLTL
VCC
RESET
tR
tRPU
VOH
1233M_05.eps
VHTL
VCCTP
VLTL
VCC
RESET
tF
VOL
tRPD
1233M_06.eps
Application Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com