Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP38C4X Datasheet(PDF) 7 Page - IMP, Inc

Part # IMP38C4X
Description  BiCMOS Current-Mode PWM Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP38C4X Datasheet(HTML) 7 Page - IMP, Inc

Back Button IMP38C4X Datasheet HTML 2Page - IMP, Inc IMP38C4X Datasheet HTML 3Page - IMP, Inc IMP38C4X Datasheet HTML 4Page - IMP, Inc IMP38C4X Datasheet HTML 5Page - IMP, Inc IMP38C4X Datasheet HTML 6Page - IMP, Inc IMP38C4X Datasheet HTML 7Page - IMP, Inc IMP38C4X Datasheet HTML 8Page - IMP, Inc IMP38C4X Datasheet HTML 9Page - IMP, Inc IMP38C4X Datasheet HTML 10Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IMP38C/HC/42/3/4/5
IMP38C/HC/42/3/4/5
© 2000 IMP, Inc.
PWM Controllers
7
Application Information
OUT
6 (10)
VD
(11)
–
+
+
–
UVLO
+
–
COMP
PGND
(8)
TQ
S
Q
R
UVL
Protection
1V
R
2R
(
) Pins Are 14-Pin Devices Only
38C/HC_06.eps
GND 5
AGND (9)
3 (5)
ISNS
Connection Notes
IMP38C4X, IMP38HC4X (8-Pin Devices)
50% Maximum Duty Cycle:
IMP38C44, IMP38HC44, IMP38C45, IMP38HC45
96% Maximum Duty Cycle:
IMP38C42, IMP38HC42, IMP38C43, IMP38HC43
Figure 3. UVL Protection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com